Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STRF6600 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # STRF6600
Description  OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STRF6600 Datasheet(HTML) 5 Page - Allegro MicroSystems

  STRF6600 Datasheet HTML 1Page - Allegro MicroSystems STRF6600 Datasheet HTML 2Page - Allegro MicroSystems STRF6600 Datasheet HTML 3Page - Allegro MicroSystems STRF6600 Datasheet HTML 4Page - Allegro MicroSystems STRF6600 Datasheet HTML 5Page - Allegro MicroSystems STRF6600 Datasheet HTML 6Page - Allegro MicroSystems STRF6600 Datasheet HTML 7Page - Allegro MicroSystems STRF6600 Datasheet HTML 8Page - Allegro MicroSystems STRF6600 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Series STR-F6600
OFF-LINE
QUASI-RESONANT FLYBACK
SWITCHING REGULATORS
5
The voltage on the V
IN terminal (pin 4) controls startup
and shutdown of the Series STR-F6600 devices.
Figure 1 shows a typical start up circuit. The V
IN
terminal voltage during startup is shown in figure 2.
Functional Description and Operation
continued, next page...
Figure 1 – Start-Up Circuit
VIN
TIME
DRIVE WINDING
VOLTAGE
16 V
(TYP.)
UNDER-VOLTAGE LOCKOUT (VINQ)
11 V
(MAX.)
ON-STATE VOLTAGE (VINT)
STARTUP
DELAY
Figure 2 – Waveform of V
IN Terminal Voltage
at Startup
IIN
VIN
11 V
(MAX.)
30 mA
(MAX.)
100
µA
(MAX.)
14.4 V
(MIN.)
IIN(ON)
IIN(OFF)
Figure 3 – Supply Terminal Current, I
IN
At startup, C2 is charged through the startup resistor R
S.
When the V
IN terminal voltage reaches 16 V (typ.), the
control circuit enables regulator operation. Once the
regulator starts, it draws up to 30 mA from C2 causing the
voltage on C2 to fall momentarily. Once the regulator
output voltage is established, the drive winding D starts to
charge C2 via D2. The voltage on C2 thus recovers to the
nominal drive voltage (18 V).
As shown in figure 3, the input current is below 100
µA
(at T
M = 25°C) prior to control circuit turn on. The latch
circuit holding current is 400
µA (max.). To ensure latch
operation, the current in R
S at the lowest ac input voltage
should be at least 500
µA.
The value of R
S thus determines the charge time of C2
and thus the startup delay. R
S is typicaly 68 kΩ for wide
operation (90 V ac to 265 V ac) and 100 k
Ω for 220 volt
ac operation.
The choice of C2 is a compromise between an accept-
able startup delay (in conjunction with R
S) and a hold-up
time sufficient to keep pin 4 above its under-voltage
shutdown threshold of 11 V. Typically C2 is in the range
of 47
µF to 100 µF.


Similar Part No. - STRF6600

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
STRF6626 ALLEGRO-STRF6626 Datasheet
281Kb / 16P
OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
February 22, 2000
logo
List of Unclassifed Man...
STRF6654 ETC-STRF6654 Datasheet
145Kb / 2P
STRF6654
More results

Similar Description - STRF6600

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
STR-F6600 ALLEGRO-STR-F6600 Datasheet
281Kb / 16P
OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
STRF6626 ALLEGRO-STRF6626 Datasheet
281Kb / 16P
OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
February 22, 2000
logo
Sanken electric
STR-X6729 SANKEN-STR-X6729 Datasheet
300Kb / 9P
Off-Line Quasi-Resonant Switching Regulators
logo
Allegro MicroSystems
STR-X6729 ALLEGRO-STR-X6729 Datasheet
386Kb / 11P
Off-Line Quasi-Resonant Switching Regulators
STR-X6768N_V ALLEGRO-STR-X6768N_V Datasheet
445Kb / 9P
Off-Line Quasi-Resonant Switching Regulators
STR-X6759N ALLEGRO-STR-X6759N Datasheet
520Kb / 11P
Off-Line Quasi-Resonant Switching Regulators
STR-X6768N ALLEGRO-STR-X6768N Datasheet
531Kb / 11P
Off-Line Quasi-Resonant Switching Regulators
STR-X6769 ALLEGRO-STR-X6769 Datasheet
494Kb / 11P
Off-Line Quasi-Resonant Switching Regulators
STR-X6757_V ALLEGRO-STR-X6757_V Datasheet
444Kb / 9P
Off-Line Quasi-Resonant Switching Regulators
STR-X6769_V ALLEGRO-STR-X6769_V Datasheet
408Kb / 9P
Off-Line Quasi-Resonant Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com