Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2900796 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2900796
Description  Fuse - THERMAL FUSE TF104
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2900796 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2900796 Datasheet HTML 1Page - PHOENIX CONTACT 2900796 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/2900796
03/19/2019   Page 1 / 2
Fuse - THERMAL FUSE TF104 - 2900796
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
The thermal fuse monitors overtemperature on the heatsink of electronic load relays (ELR ...3-.../500AC-...).
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4046356543637
Technical data
General
Nominal current IN
10 A
Fuse
Thermal release fuse
Environmental Product Compliance
China RoHS
Environmentally Friendly Use Period = 50
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Approvals
Approvals
Approvals
EAC
Ex Approvals


Similar Part No. - 2900796

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2900795 PHOENIX-2900795 Datasheet
89Kb / 3P
   Hybrid motor starter - ELR W3- 24DC/500AC- 9I-BR
More results

Similar Description - 2900796

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE8070 NTE-NTE8070 Datasheet
20Kb / 1P
   Thermal Cutoff (Thermal Fuse)
logo
Vishay Siliconix
HCTF VISHAY-HCTF_V01 Datasheet
90Kb / 5P
   High Current Thermal Fuse
01-Jan-2022
logo
UN Semiconducctor INC
14D471KTB UNSEMI-14D471KTB Datasheet
422Kb / 2P
   Thermal Fuse & MOV (TFMOV)
Revision December 18, 2018
TMOV20D UNSEMI-TMOV20D Datasheet
3Mb / 6P
   Thermal Fuse & MOV (TFMOV)
Revision March 1,2022
TMOV34S UNSEMI-TMOV34S Datasheet
2Mb / 4P
   Thermal Fuse & MOV (TFMOV)
Revision March 1,2022
14D511KT UNSEMI-14D511KT Datasheet
512Kb / 2P
   Thermal Fuse & MOV (TFMOV)
Revision December 18, 2013
TMOV14D UNSEMI-TMOV14D Datasheet
3Mb / 6P
   Thermal Fuse & MOV (TFMOV)
Revision March 1,2022
14D561KTB UNSEMI-14D561KTB Datasheet
521Kb / 2P
   Thermal Fuse & MOV (TFMOV)
Revision December 18, 2018
32D511KTA UNSEMI-32D511KTA Datasheet
435Kb / 2P
   Thermal Fuse & MOV (TFMOV)
Revision December 18, 2018
logo
Vishay Siliconix
HCTF VISHAY-HCTF Datasheet
92Kb / 5P
   High Current Thermal Fuse
Revision: 10-Apr-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com