Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA8170 Datasheet(PDF) 2 Page - Prolific Technology Inc.

Part # MA8170
Description  USB 2.0 Handheld Device Reader Controller
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROLIFIC [Prolific Technology Inc.]
Direct Link  http://www.prolific.com.tw
Logo PROLIFIC - Prolific Technology Inc.

MA8170 Datasheet(HTML) 2 Page - Prolific Technology Inc.

  MA8170 Datasheet HTML 1Page - Prolific Technology Inc. MA8170 Datasheet HTML 2Page - Prolific Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Brochure
V1.0 04/01/15
Prolific Technology Inc.
7F, No.48, Sec.3, Nan Kang Rd., Taipei, Taiwan 115, ROC
Tel: 886-2-2654-6363
Fax: 886-2-2654-6161
E-mail: sales@prolific.com.tw
http://www.prolific.com.tw
Endpoint 2: 512 bytes bulk transfer for OUT transaction.
SD/MMC
Support Secure Digital Card (SD) specification v1.0/v1.1/v2.0/v3.0 UHS-1 for SDR50 &
DDR50.
Support up to 2 TB SDXC/MSXC card capacity
Support MMC 4.0/4.1/4.2/4.4 (4 bit & 8bit), RS-MMC, and MMC-Mobile.
Complies with Multi-Media Card specification 3.1/4.4
Automatic CRC7 generation for command and CRC7 verification for response on CMD
Support automatic CRC16 generation and verification on DAT7-0
MS
Memory Stick, Memory Stick PRO, Memory Stick Micro (M2), and Memory Stick
PRO-HG(8bit), MS XC-HG (60MHz)
Support automatic CRC16 generation and verification on DAT7-0
Support different clock rate from 12MHz to 60MHz.
CF
Complies with T13’s ATA/ATAPI-6 Draft Specification.
Complies with CompactFlash (CF) specification up to ver. 4.1 with True IDE PIO mode
Support 28-bit/48-bit addressing
Support PIO modes 6 and UDMA modes 6
ATA interface IRQ signal support
Support EEPROM I²C interface for external vendor information customization.
On-chip MOS switch with 500mA capability to support all flash cards.
Integrate 5V to 3.3V/1.8V regulator.
Over Current Protection for short current prevention
Optional for Embedded 12MHz crystal to save BOM
Package
Available in LQFP48 , QFN32 and SSOP28


Similar Part No. - MA8170

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MA8170 ETC2-MA8170 Datasheet
282Kb / 2P
Optional for Embedded 12MHz crystal to save BOM
More results

Similar Description - MA8170

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL816 ETC-GL816 Datasheet
134Kb / 23P
USB 2.0 Flash Card Reader Controller
GL813 ETC-GL813 Datasheet
132Kb / 24P
USB 2.0 CompactFlash Card Reader Controller
logo
GENESYS LOGIC
GL816 GENESYS-GL816 Datasheet
393Kb / 23P
USB 2.0 Flash Card Reader Controller
GL816E GENESYS-GL816E Datasheet
478Kb / 26P
USB 2.0 9-in-1 Card Reader Controller
logo
Prolific Technology Inc...
MA8121K PROLIFIC-MA8121K Datasheet
201Kb / 2P
USB 2.0 SD/MMC Card Reader Controller
logo
Pepperl+Fuchs Inc.
OHV110-F228-R2 PF-OHV110-F228-R2 Datasheet
835Kb / 5P
Handheld reader
OHV1000-F223-R2 PF-OHV1000-F223-R2 Datasheet
242Kb / 2P
Handheld reader
OHV2000-F221-B15 PF-OHV2000-F221-B15 Datasheet
744Kb / 3P
Handheld reader
logo
GENESYS LOGIC
GL823K GENESYS-GL823K Datasheet
368Kb / 15P
USB 2.0 SD/MSPRO Card Reader Controller
Revision 1.03 Dec. 17, 2014
logo
Realtek Semiconductor C...
RTS5138 REALTEK-RTS5138 Datasheet
318Kb / 13P
One-LUN USB 2.0 Card Reader Controller
Doc Rev. 0.92 4th Apr 2009
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com