Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C106DG Datasheet(PDF) 3 Page - ON Semiconductor

Part # C106DG
Description  Sensitive Gate Silicon Controlled Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

C106DG Datasheet(HTML) 3 Page - ON Semiconductor

  C106DG Datasheet HTML 1Page - ON Semiconductor C106DG Datasheet HTML 2Page - ON Semiconductor C106DG Datasheet HTML 3Page - ON Semiconductor C106DG Datasheet HTML 4Page - ON Semiconductor C106DG Datasheet HTML 5Page - ON Semiconductor C106DG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
C106 Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Peak Repetitive Forward or Reverse Blocking Current
(VAK = Rated VDRM or VRRM, RGK = 1000 Ohms)
TJ = 25°C
TJ = 110°C
IDRM, IRRM
10
100
mA
mA
ON CHARACTERISTICS
Peak Forward On−State Voltage (Note 3)
(ITM = 4 A)
VTM
2.2
V
Gate Trigger Current (Continuous dc) (Note 4)
(VAK = 6 Vdc, RL = 100 Ohms)
TJ = 25°C
TJ = −40°C
IGT
15
35
200
500
mA
Peak Reverse Gate Voltage (IGR = 10 mA)
VGRM
6.0
V
Gate Trigger Voltage (Continuous dc) (Note 4)
(VAK = 6 Vdc, RL = 100 Ohms)
TJ = 25°C
TJ = −40°C
VGT
0.4
0.5
0.60
0.75
0.8
1.0
V
Gate Non−Trigger Voltage (Continuous dc) (Note 4)
(VAK = 12 V, RL = 100 Ohms, TJ = 110°C)
VGD
0.2
V
Latching Current
(VAK = 12 V, IG = 20 mA)
TJ = 25°C
TJ = −40°C
IL
0.20
0.35
5.0
7.0
mA
Holding Current (VD = 12 Vdc)
(Initiating Current = 20 mA, Gate Open)
TJ = 25°C
TJ = −40°C
TJ = +110°C
IH
0.19
0.33
0.07
3.0
6.0
2.0
mA
DYNAMIC CHARACTERISTICS
Critical Rate−of−Rise of Off−State Voltage
(VAK = Rated VDRM, Exponential Waveform, RGK = 1000 Ohms,
TJ = 110°C)
dv/dt
8.0
V/
ms
3. Pulse Test: Pulse Width
≤ 2.0 ms, Duty Cycle ≤ 2%.
4. RGK is not included in measurement.
+ Current
+ Voltage
VTM
IDRM at VDRM
IH
Symbol
Parameter
VDRM
Peak Repetitive Off State Forward Voltage
IDRM
Peak Forward Blocking Current
VRRM
Peak Repetitive Off State Reverse Voltage
IRRM
Peak Reverse Blocking Current
VTM
Peak On State Voltage
IH
Holding Current
Voltage Current Characteristic of SCR
Anode +
on state
Reverse Blocking Region
(off state)
Reverse Avalanche Region
Anode −
Forward Blocking Region
IRRM at VRRM
(off state)


Similar Part No. - C106DG

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
C106DG ISC-C106DG Datasheet
209Kb / 1P
   isc Thyristors
More results

Similar Description - C106DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5061RLR ONSEMI-2N5061RLR Datasheet
70Kb / 8P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2005 ??Rev. 7
logo
SemiWell Semiconductor
MCK100-8 SEMIWELL-MCK100-8 Datasheet
568Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
MCR22-8 SEMIWELL-MCR22-8 Datasheet
569Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
SCN2C60 SEMIWELL-SCN2C60 Datasheet
623Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
YENYO TECHNOLOGY Co., L...
MCR100 YENYO-MCR100 Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
MCR100-8A YENYO-MCR100-8A Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR12DSN-1G ONSEMI-MCR12DSN-1G Datasheet
126Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
June, 2013 ??Rev. 7
logo
Shenzhen Winsemi Microe...
WCD6C60S WINSEMI-WCD6C60S Datasheet
408Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
Apollo Electron Co., Lt...
CD6C60S APOLLOELECTRON-CD6C60S Datasheet
594Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
ON Semiconductor
NYC008-6JG-D ONSEMI-NYC008-6JG-D Datasheet
147Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com