Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7D470K Datasheet(PDF) 1 Page - Shanghai Yint Electronic Co., Ltd

Part # 7D470K
Description  Metal Oxide Varistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

7D470K Datasheet(HTML) 1 Page - Shanghai Yint Electronic Co., Ltd

  7D470K Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd 7D470K Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd 7D470K Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd 7D470K Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Metal Oxide Varistors
Trustworthy electronic circuit protection
expert
7D series
www.yint.com.cn
Rev:19.3
1
7D Series
产品简介
压敏电阻的本体是由氧化锌颗粒组成的矩阵结构。颗粒之间的晶
界类似双向
PN 结的电气特性,当低电压时,这些晶界处于高阻
抗状态,当电压高时,又会处于击穿状态,是一种非线性器件。。
Product Profile
The body of varistor is a matrix structure composed of zinc
oxide particles. The grain boundaries between particles are
similar to the electrical characteristics of bidirectional PN
junctions. When the voltage is low, these grain boundaries are
in the high impedance state, and when the voltage is high, they
will be in the breakdown state, which is a kind of non-linear
device.
应用领域:
抑制消费类电子产品及工业用电子设备主电源所窜入的浪涌电
流。如
LED 照明、电度表、开关电源、排插等。
通讯等有线网络设备窜入的浪涌电流。
房舍装置以及瓦斯和油类设施上所装置的电子器材的浪涌保护
抑制电子线路内发生的浪涌
照相器材用于限压开关
Application
Suppresses surge current from the main power supply of
consumer electronics and industrial electronic equipment. Such
as LED lighting, watt-hour meter, switching power supply,
layout and so on.
Surge protection of electronic equipment on building
installations and gas and oil installations Suppression of
Surges in Electronic Circuits Photographic equipment for
voltage limiting switches
产品料号代码
HOW TO ORDER
产品外形
Product Shape
Bulk Straight
标准外形
Cutting Straight
切短脚
Out Forming
外弯脚
Y-Forming
Y 型脚
Cutting Bending
折脚
7
形状类
Series
D 圆片形 Disk Series
S 方片形 Square Series
包 装 方 式
Manner of
packing
T 编带包装 Braided packing
压敏电阻
Varistor Voltage
最后一位数是
0 的个数 The last digit is
the number of zeros.
180=18V
201=200V
182=1800V
瓷片直径或边长
Element Size
压敏电压允许偏差
Varistor voltage allowable
deviation
K ±10%
L ±15%
D
4
7
1
K
T


Similar Part No. - 7D470K

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
7D470K WPI-7D470K Datasheet
1Mb / 65P
Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
7D470K SUNMATE-7D470K Datasheet
771Kb / 4P
METAL OXIDE VARISTORS
More results

Similar Description - 7D470K

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
Metal Oxide Varistors
logo
Shanghai Leiditech Elec...
20D180 LEIDITECH-20D180 Datasheet
871Kb / 4P
Metal Oxide Varistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com