Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5D470K Datasheet(PDF) 2 Page - Shanghai Yint Electronic Co., Ltd

Part # 5D470K
Description  5D Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

5D470K Datasheet(HTML) 2 Page - Shanghai Yint Electronic Co., Ltd

  5D470K Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd 5D470K Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd 5D470K Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd 5D470K Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Metal Oxide Varistors
Trustworthy electronic circuit protection
expert
5D series
www.yint.com.cn
Rev:19.3
2
K 的详解 Detailed explanation of
中的内容
The content of the
blank box
K
KJ
KH
KH+
产品级别
Product Level
普通型
conventional type
加强型
Reinforced type
超强型
Superstrong type
定制型
Customized
性能参数
property parameter
1 次脉冲最大电
Withstanding
surge
Current
(Imax)
(A)
电压冲击
15 次
Impulse voltage15
Times
(1.2/50μs)
(V)
1 次脉冲最大电
Withstanding
surge
Current
(Imax)
(A)
电流冲击
15 次
Impulse current
15
Times
8/20μs)
(A)
1 次脉冲最大电
Withstanding
surge
Current
(Imax)
(A)
电压冲击
40 次
Impulse voltage40
Times
1.2/50μs)
(V)
超出左边栏的脉冲
标准的特殊规格
Super high Energy
5D
400
1000
800
250
800
1000
举例
1 Example
14D 满足 20D 的脉
冲 性 能 要 求
14D
instead of 20D
举例
2 Example
14D561KH+ 能 达
6KV/3KA 100
14D561KH+ reach
6KV/3KA 100times
7D
1200
2000
1750
500
1750
2000
10D
1500
4000
3500
1500
3500
4000
14D
4500
6000
6000
3000
6000
6000
20D
6500
10000
10000
5000
10000
10000
符合国际和国
家标准
Compliance
with
international
and
national standards
IEC61051-1
GB/T10193
IEC61051-2
GB/T10194
IEC61051-2-2
GBT10195
CSA-C22.2
UL1449 第 三 版 The third edition of
UL1449
包含左栏,并增加以下标准
:
Include the left column and add the
following criteria:
IEC60950-1:2005/Annex Q
GB4943.1-2011
GB8898-2011
UL1449 第 4 版 The fourth
edition of UL1449
包含左栏,并增加以下标准
:
Include the left column and add the
following criteria:
IEC61000-4-5 GB/T17626.5
IEC61643-331
GB/T18802.331
备注
:1 上表仅适用于压敏电压 82V 以上规格的产品。2 上表电压冲击 15 次/40 次仅适用于压敏电压 430V 及以上规格的产品。
Remarks:1 The above table is only applicable to products with voltage sensitive voltage of more than 82V.
2The above table voltage shock 15 times/40 times only applies to products with voltage sensitive voltage 430V or above.
产品尺寸
单位(
UNIT):mm


Similar Part No. - 5D470K

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
5D470K WPI-5D470K Datasheet
1Mb / 65P
Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
5D470K SUNMATE-5D470K Datasheet
685Kb / 4P
METAL OXIDE VARISTORS
More results

Similar Description - 5D470K

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
SFP-5D-C ATGBICS-SFP-5D-C Datasheet
292Kb / 8P
SFP-5D Rad Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com