Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY54FCT138T Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY54FCT138T
Description  1-of-8 Decoder
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY54FCT138T Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY54FCT138T Datasheet HTML 1Page - Cypress Semiconductor CY54FCT138T Datasheet HTML 2Page - Cypress Semiconductor CY54FCT138T Datasheet HTML 3Page - Cypress Semiconductor CY54FCT138T Datasheet HTML 4Page - Cypress Semiconductor CY54FCT138T Datasheet HTML 5Page - Cypress Semiconductor CY54FCT138T Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CY54/74FCT138T
3
Capacitance[6]
Parameter
Description
Typ.[5]
Max.
Unit
CIN
Input Capacitance
5
10
pF
COUT
Output Capacitance
9
12
pF
Power Supply Characteristics
Parameter
Description
Test Conditions
Typ.[5]
Max.
Unit
ICC
Quiescent Power Supply Current
VCC=Max., VIN<0.2V,
VIN > VCC–0.2V
0.1
0.2
mA
∆I
CC
Quiescent Power Supply Current
(TTL inputs)
VCC=Max., VIN=3.4V,
[8]
f1=0, Outputs Open
0.5
2.0
mA
ICCD
Dynamic Power Supply
Current[9]
VCC=Max., One Input Toggling,
50% Duty Cycle, Outputs Open,
VIN < 0.2V or VIN > VCC–0.2V
0.06
0.12
mA/MHz
IC
Total Power Supply Current[10]
VCC=Max., f1=10 MHz,
50% Duty Cycle, Outputs Open, Toggle
E1, E2, or E3, One Output Toggling,
VIN < 0.2V or VIN > VCC–0.2V
0.7
1.4
mA
VCC=Max., f1=10 MHz,
50% Duty Cycle, Outputs Open, Toggle
E1, E2, or E3, One Output Toggling,
VIN=3.4V or VIN=GND
1.0
2.4
mA
Notes:
8.
Per TTL driven input (VIN=3.4V); all other inputs at VCC or GND.
9.
This parameter is not directly testable, but is derived for use in Total Power Supply calculations.
10. IC
=IQUIESCENT + IINPUTS + IDYNAMIC
IC
=ICC+∆ICCDHNT+ICCD(f0/2 + f1N1)
ICC
=
Quiescent Current with CMOS input levels
∆I
CC =
Power Supply Current for a TTL HIGH input (VIN=3.4V)
DH
=
Duty Cycle for TTL inputs HIGH
NT
=
Number of TTL inputs at DH
ICCD = Dynamic Current caused by an input transition pair (HLH or LHL)
f0
=
Clock frequency for registered devices, otherwise zero
f1
=
Input signal frequency
N1
=
Number of inputs changing at f1
All currents are in milliamps and all frequencies are in megahertz.


Similar Part No. - CY54FCT138T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY54FCT138T TI-CY54FCT138T Datasheet
79Kb / 7P
[Old version datasheet]   1-of-8 Decoder
CY54FCT138T TI1-CY54FCT138T Datasheet
468Kb / 12P
[Old version datasheet]   1-OF-8 DECODERS
CY54FCT138TDIP TI-CY54FCT138TDIP Datasheet
79Kb / 7P
[Old version datasheet]   1-of-8 Decoder
CY54FCT138TDMB TI-CY54FCT138TDMB Datasheet
79Kb / 7P
[Old version datasheet]   1-of-8 Decoder
CY54FCT138TDMB TI1-CY54FCT138TDMB Datasheet
468Kb / 12P
[Old version datasheet]   1-OF-8 DECODERS
More results

Similar Description - CY54FCT138T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY5474FCT138T TI-CY5474FCT138T Datasheet
79Kb / 7P
[Old version datasheet]   1-of-8 Decoder
logo
Integral Corp.
IN74HCT138A INTEGRAL-IN74HCT138A Datasheet
144Kb / 5P
   1-OF-8 DECODER/DEMULTIPLEXER
logo
Fairchild Semiconductor
74AC138 FAIRCHILD-74AC138 Datasheet
100Kb / 9P
   1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
74AC138 ONSEMI-74AC138 Datasheet
209Kb / 11P
   1-of-8 Decoder/Demultiplexer
Revised July 2003
MC74HC238A ONSEMI-MC74HC238A_13 Datasheet
142Kb / 9P
   1-of-8 Decoder/ Demultiplexer
June, 2013 ??Rev. 4
logo
Motorola, Inc
SN54LS138 MOTOROLA-SN54LS138 Datasheet
185Kb / 5P
   1-OF-8 DECODER/ DEMULTIPLEXER
logo
ON Semiconductor
MC74HC138A ONSEMI-MC74HC138A Datasheet
185Kb / 8P
   1-of-8 Decoder/Demultiplexer
March, 2000 ??Rev. 7
logo
National Semiconductor ...
54FCT138 NSC-54FCT138 Datasheet
174Kb / 7P
   1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
MC74HC238A ONSEMI-MC74HC238A Datasheet
164Kb / 8P
   1-of-8 Decoder/ Demultiplexer
December, 2009 ??Rev. 0
logo
Fairchild Semiconductor
74AC138 FAIRCHILD-74AC138_03 Datasheet
103Kb / 9P
   1-of-8 Decoder/Demultiplexer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com