Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY54FCT138T Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY54FCT138T
Description  1-of-8 Decoder
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY54FCT138T Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY54FCT138T Datasheet HTML 1Page - Cypress Semiconductor CY54FCT138T Datasheet HTML 2Page - Cypress Semiconductor CY54FCT138T Datasheet HTML 3Page - Cypress Semiconductor CY54FCT138T Datasheet HTML 4Page - Cypress Semiconductor CY54FCT138T Datasheet HTML 5Page - Cypress Semiconductor CY54FCT138T Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1-of-8 Decoder
fax id: 7013
CY54/74FCT138T
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
May 1994 – Revised March 17, 1997
1CY 54/7 4FCT138 T
Features
• Function, pinout, and drive compatible with FCT and
F logic
• FCT-C speed at 5.0 ns max. (Com’l),
FCT-A speed at 5.8 ns max. (Com’l)
• Reduced VOH (typically = 3.3V) versions of equivalent
FCT functions
• Edge-rate control circuitry for significantly improved
noise characteristics
• Power-off disable feature
• ESD > 2000V
• Matched rise and fall times
• Fully compatible with TTL input and output logic levels
• Extended commercial range of
−40°C to +85°C
• Sink current
64 mA (Com’l),
32 mA (Mil)
Source current
32 mA (Com’l),
12 mA (Mil)
• Dual 1-of-8 decoder with enables
Functional Description
The FCT138T is a 1-of-8 decoder. The FCT138T accepts
three binary weighted inputs (A0, A1, A2) and, when enabled,
provides eight mutually exclusive active LOW outputs
(O0–O7). The FCT138T features three enable inputs, two
active LOW (E1, E2) and one active HIGH (E3).
All inputs will be HIGH unless E1 and E2 are LOW and E3 is
HIGH. This multiple enable function allows easy parallel
expansion of the device to a 1-of-32 (5 lines to 32 lines)
decoder with just four FCT138T devices and one inverter.
The outputs are designed with a power-off disable feature to
allow for live insertion of boards.
Pin Description
Name
Description
A
Address Inputs
E1−E2
Enable Inputs (Active LOW)
E3
Enable Input (Active HIGH)
O
Outputs
Logic Block Diagram
Pin Configurations
1
2
3
4
5
6
7
8
A1
A2
E1
E2
E3
O7
VCC
GND
FCT138T–2
Top View
4
8
9
10
11
12
76 5
15 16 17 18
3
2
1
20
13
14
19
O5
O6
NC
A1
VCC
O0
O7
GND
A0
Top View
DIP/SOIC/QSOP
LCC
NC
16
15
14
13
12
11
10
9
O4
O5
O6
O7
O0
O1
O2
O3
E1
A2
A1
A0
E2 E3
FCT138T–1
A0
O4
O5
O6
O0
O1
O2
O3
FCT138T–3


Similar Part No. - CY54FCT138T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY54FCT138T TI-CY54FCT138T Datasheet
79Kb / 7P
[Old version datasheet]   1-of-8 Decoder
CY54FCT138T TI1-CY54FCT138T Datasheet
468Kb / 12P
[Old version datasheet]   1-OF-8 DECODERS
CY54FCT138TDIP TI-CY54FCT138TDIP Datasheet
79Kb / 7P
[Old version datasheet]   1-of-8 Decoder
CY54FCT138TDMB TI-CY54FCT138TDMB Datasheet
79Kb / 7P
[Old version datasheet]   1-of-8 Decoder
CY54FCT138TDMB TI1-CY54FCT138TDMB Datasheet
468Kb / 12P
[Old version datasheet]   1-OF-8 DECODERS
More results

Similar Description - CY54FCT138T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY5474FCT138T TI-CY5474FCT138T Datasheet
79Kb / 7P
[Old version datasheet]   1-of-8 Decoder
logo
Integral Corp.
IN74HCT138A INTEGRAL-IN74HCT138A Datasheet
144Kb / 5P
   1-OF-8 DECODER/DEMULTIPLEXER
logo
Fairchild Semiconductor
74AC138 FAIRCHILD-74AC138 Datasheet
100Kb / 9P
   1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
74AC138 ONSEMI-74AC138 Datasheet
209Kb / 11P
   1-of-8 Decoder/Demultiplexer
Revised July 2003
MC74HC238A ONSEMI-MC74HC238A_13 Datasheet
142Kb / 9P
   1-of-8 Decoder/ Demultiplexer
June, 2013 ??Rev. 4
logo
Motorola, Inc
SN54LS138 MOTOROLA-SN54LS138 Datasheet
185Kb / 5P
   1-OF-8 DECODER/ DEMULTIPLEXER
logo
ON Semiconductor
MC74HC138A ONSEMI-MC74HC138A Datasheet
185Kb / 8P
   1-of-8 Decoder/Demultiplexer
March, 2000 ??Rev. 7
logo
National Semiconductor ...
54FCT138 NSC-54FCT138 Datasheet
174Kb / 7P
   1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
MC74HC238A ONSEMI-MC74HC238A Datasheet
164Kb / 8P
   1-of-8 Decoder/ Demultiplexer
December, 2009 ??Rev. 0
logo
Fairchild Semiconductor
74AC138 FAIRCHILD-74AC138_03 Datasheet
103Kb / 9P
   1-of-8 Decoder/Demultiplexer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com