Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29AL008D Datasheet(PDF) 24 Page - SPANSION

Part # S29AL008D
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AL008D Datasheet(HTML) 24 Page - SPANSION

Back Button S29AL008D Datasheet HTML 20Page - SPANSION S29AL008D Datasheet HTML 21Page - SPANSION S29AL008D Datasheet HTML 22Page - SPANSION S29AL008D Datasheet HTML 23Page - SPANSION S29AL008D Datasheet HTML 24Page - SPANSION S29AL008D Datasheet HTML 25Page - SPANSION S29AL008D Datasheet HTML 26Page - SPANSION S29AL008D Datasheet HTML 27Page - SPANSION S29AL008D Datasheet HTML 28Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 55 page
background image
24
S29AL008D
S29AL008D_00A3 June 16, 2005
Da t a
S h ee t
Sector Erase time-out immediately terminates the time-out period and suspends
the erase operation. Addresses are don’t-cares when writing the Erase Suspend
command.
When the Erase Suspend command is written during a sector erase operation, the
device requires a maximum of 20 µs to suspend the erase operation. However,
when the Erase Suspend command is written during the sector erase time-out,
the device immediately terminates the time-out period and suspends the erase
operation.
After the erase operation is suspended, the system can read array data from or
program data to any sector not selected for erasure. (The device erase suspends
all sectors selected for erasure.) Normal read and write timings and command
definitions apply. Reading at any address within erase-suspended sectors pro-
duces status data on DQ7–DQ0. The system can use DQ7, or DQ6 and DQ2
together, to determine if a sector is actively erasing or is erase-suspended. See
Write Operation Status, on page 27 for information on these status bits.
After an erase-suspended program operation is complete, the system can once
again read array data within non-suspended sectors. The system can determine
the status of the program operation using the DQ7 or DQ6 status bits, just as in
the standard program operation. See Write Operation Status, on page 27 for
more information.
The system may also write the autoselect command sequence when the device
is in the Erase Suspend mode. The device allows reading autoselect codes even
at addresses within erasing sectors, since the codes are not stored in the memory
array. When the device exits the autoselect mode, the device reverts to the Erase
Suspend mode, and is ready for another valid operation. See Autoselect Com-
mand Sequence, on page 20 for more information.
The system must write the Erase Resume command (address bits are don’t care)
to exit the erase suspend mode and continue the sector erase operation. Further
writes of the Resume command are ignored. Another Erase Suspend command
can be written after the device resumes erasing.


Similar Part No. - S29AL008D

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29AL008D SPANSION-S29AL008D Datasheet
1Mb / 56P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008D SPANSION-S29AL008D_06 Datasheet
1Mb / 56P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - S29AL008D

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV800B AMD-AM29LV800B Datasheet
569Kb / 42P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV800D SPANSION-AM29LV800D_06 Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV800D AMD-AM29LV800D Datasheet
1Mb / 51P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL008J70BFI020 SPANSION-S29AL008J70BFI020 Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008J70TFI020 SPANSION-S29AL008J70TFI020 Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008D SPANSION-S29AL008D_06 Datasheet
1Mb / 56P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV800B AMD-AM29LV800B_05 Datasheet
1Mb / 49P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL008J SPANSION-S29AL008J Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LL800B AMD-AM29LL800B Datasheet
534Kb / 40P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory
AM29F800B AMD-AM29F800B Datasheet
518Kb / 39P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com