Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29AL008D Datasheet(PDF) 23 Page - SPANSION

Part # S29AL008D
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AL008D Datasheet(HTML) 23 Page - SPANSION

Back Button S29AL008D Datasheet HTML 19Page - SPANSION S29AL008D Datasheet HTML 20Page - SPANSION S29AL008D Datasheet HTML 21Page - SPANSION S29AL008D Datasheet HTML 22Page - SPANSION S29AL008D Datasheet HTML 23Page - SPANSION S29AL008D Datasheet HTML 24Page - SPANSION S29AL008D Datasheet HTML 25Page - SPANSION S29AL008D Datasheet HTML 26Page - SPANSION S29AL008D Datasheet HTML 27Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 55 page
background image
June 16, 2005 S29AL008D_00A3
S29AL008D
23
Da t a
S h ee t
Figure 4, on page 25 illustrates the algorithm for the erase operation. See Erase
/ Program Operations, on page 42 for parameters, and Figure 18, on page 44 for
timing diagrams.
Sector Erase Command Sequence
Sector erase is a six bus cycle operation. The sector erase command sequence is
initiated by writing two unlock cycles, followed by a set-up command. Two addi-
tional unlock write cycles are then followed by the address of the sector to be
erased, and the sector erase command. Table 5, on page 25 shows the address
and data requirements for the sector erase command sequence.
The device does not require the system to preprogram the memory prior to erase.
The Embedded Erase algorithm automatically programs and verifies the sector for
an all zero data pattern prior to electrical erase. The system is not required to
provide any controls or timings during these operations.
After the command sequence is written, a sector erase time-out of 50 µs begins.
During the time-out period, additional sector addresses and sector erase com-
mands may be written. Loading the sector erase buffer may be done in any
sequence, and the number of sectors may be from one sector to all sectors. The
time between these additional cycles must be less than 50 µs, otherwise the last
address and command might not be accepted, and erasure may begin. It is rec-
ommended that processor interrupts be disabled during this time to ensure all
commands are accepted. The interrupts can be re-enabled after the last Sector
Erase command is written. If the time between additional sector erase commands
can be assumed to be less than 50 µs, the system need not monitor DQ3. Any
command other than Sector Erase or Erase Suspend during the time-out
period resets the device to reading array data. The system must rewrite the
command sequence and any additional sector addresses and commands.
The system can monitor DQ3 to determine if the sector erase timer has timed
out. (See DQ3: Sector Erase Timer, on page 30.) The time-out begins from the
rising edge of the final WE# pulse in the command sequence.
Once the sector erase operation begins, only the Erase Suspend command is
valid. All other commands are ignored. Note that a hardware reset during the
sector erase operation immediately terminates the operation. The Sector Erase
command sequence should be reinitiated once the device returns to reading array
data, to ensure data integrity.
When the Embedded Erase algorithm is complete, the device returns to reading
array data and addresses are no longer latched. The system can determine the
status of the erase operation by using DQ7, DQ6, DQ2, or RY/BY#. Refer to Write
Operation Status, on page 27 for information on these status bits.
Figure 4, on page 25 illustrates the algorithm for the erase operation. Refer to
Erase / Program Operations, on page 42 for parameters, and to Figure 18, on
page 44 for timing diagrams.
Erase Suspend/Erase Resume Commands
The Erase Suspend command allows the system to interrupt a sector erase oper-
ation and then read data from, or program data to, any sector not selected for
erasure. This command is valid only during the sector erase operation, including
the 50 µs time-out period during the sector erase command sequence. The Erase
Suspend command is ignored if written during the chip erase operation or Em-
bedded Program algorithm. Writing the Erase Suspend command during the


Similar Part No. - S29AL008D

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29AL008D SPANSION-S29AL008D Datasheet
1Mb / 56P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008D SPANSION-S29AL008D_06 Datasheet
1Mb / 56P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - S29AL008D

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV800B AMD-AM29LV800B Datasheet
569Kb / 42P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV800D SPANSION-AM29LV800D_06 Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV800D AMD-AM29LV800D Datasheet
1Mb / 51P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL008J70BFI020 SPANSION-S29AL008J70BFI020 Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008J70TFI020 SPANSION-S29AL008J70TFI020 Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008D SPANSION-S29AL008D_06 Datasheet
1Mb / 56P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV800B AMD-AM29LV800B_05 Datasheet
1Mb / 49P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL008J SPANSION-S29AL008J Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LL800B AMD-AM29LL800B Datasheet
534Kb / 40P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory
AM29F800B AMD-AM29F800B Datasheet
518Kb / 39P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com