Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1206Z104 Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # 1206Z104
Description  CERAMIC MULTILAYER CAPACITORS
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

1206Z104 Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button 1206Z104 Datasheet HTML 33Page - List of Unclassifed Manufacturers 1206Z104 Datasheet HTML 34Page - List of Unclassifed Manufacturers 1206Z104 Datasheet HTML 35Page - List of Unclassifed Manufacturers 1206Z104 Datasheet HTML 36Page - List of Unclassifed Manufacturers 1206Z104 Datasheet HTML 37Page - List of Unclassifed Manufacturers 1206Z104 Datasheet HTML 38Page - List of Unclassifed Manufacturers 1206Z104 Datasheet HTML 39Page - List of Unclassifed Manufacturers 1206Z104 Datasheet HTML 40Page - List of Unclassifed Manufacturers 1206Z104 Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
35
L
W
P
MB
T
.010 typ
HOW TO ORDER
STYLE
Cap-Rack
DIELECTRIC
N = COG
B = X7R
Y = Y5V
CAPACITANCE
Value in
Picofarads
Two significant
figures,
followed by
number of zeros:
272 = 2700 pF
VOLTAGE-VDCW
Two significant
figures, followed
by number of
zeros:
101 = 100V
TERMINATION
N = Nickel Barrier
P = Ag-Pd
PACKING
OPTION
T=Reeled
HI REL
OPTION
Ref:
MIL-PRF-55681
TYPICAL CONSTRUCTION
Dimensions “P” and “W” may be less than
shown when thinner chips are utilized.
Cap
Arrays
require
drawings
to
specify
length and width of
array, and chip used.
Contact Novacap to
specify your Cap- Rack
requirement.
NUMBER
OF CHIPS
CR
XXYY
N
272
K
101
N
4
H
W
SIZE
XX= Length of
Array
YY = Width
0818 =
.080 x .180
TOLERANCE
B = 0.10 pF
C = 0.25 pF
D = 0.50 pF
F = +/- 1.0 %
G = +/- 2.0 %
H = +/- 3.0 %
J = +/- 5.0 %
K= +/- 10 %
M= +/- 20 %
Z = +80% -20%
P = +100% -0%


Similar Part No. - 1206Z104

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
1206ZA104B4T2A KSS-1206ZA104B4T2A Datasheet
339Kb / 5P
   Automotive MLCC
Rev 1
1206ZA104C4T2A KSS-1206ZA104C4T2A Datasheet
339Kb / 5P
   Automotive MLCC
Rev 1
1206ZA104D4T2A KSS-1206ZA104D4T2A Datasheet
339Kb / 5P
   Automotive MLCC
Rev 1
1206ZA104F4T2A KSS-1206ZA104F4T2A Datasheet
339Kb / 5P
   Automotive MLCC
Rev 1
1206ZA104G4T2A KSS-1206ZA104G4T2A Datasheet
339Kb / 5P
   Automotive MLCC
Rev 1
More results

Similar Description - 1206Z104

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com