Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1206Z104 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # 1206Z104
Description  CERAMIC MULTILAYER CAPACITORS
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

1206Z104 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button 1206Z104 Datasheet HTML 26Page - List of Unclassifed Manufacturers 1206Z104 Datasheet HTML 27Page - List of Unclassifed Manufacturers 1206Z104 Datasheet HTML 28Page - List of Unclassifed Manufacturers 1206Z104 Datasheet HTML 29Page - List of Unclassifed Manufacturers 1206Z104 Datasheet HTML 30Page - List of Unclassifed Manufacturers 1206Z104 Datasheet HTML 31Page - List of Unclassifed Manufacturers 1206Z104 Datasheet HTML 32Page - List of Unclassifed Manufacturers 1206Z104 Datasheet HTML 33Page - List of Unclassifed Manufacturers 1206Z104 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
HIGH VOLTAGE MLC
- COMMERCIAL
28
OPERATING TEMPERATURE RANGE:
TEMPERATURE COEFFICIENT:
DISSIPATION FACTOR:
INSULATION RESISTANCE, 25°C
125°C
DIELECTRIC WITHSTANDING VOLTAGE:
AGING RATE:
TEST PARAMETERS:
-55°C to 125°C
0 +/- 30 ppm/°C
.001 (0.1%) max @ 25°C
>100G
Ω or >1000ΩF
>10G
Ω or >100ΩF
120% VDCW, or 750V*
0% per decade
1KHz, 1.0 +/- 0.2 VRMS, 25°C
1MHZ for Capacitance <100pF
COG DIELECTRIC CHARACTERISTICS
* WHICHEVER IS GREATER
OPERATING TEMPERATURE RANGE:
TEMPERATURE COEFFICIENT:
DISSIPATION FACTOR @ 25° C:
INSULATION RESISTANCE, 25°C
125°C
DIELECTRIC WITHSTANDING VOLTAGE:
AGING RATE:
TEST PARAMETERS:
-55°C to 125°C
+/-15%
∆C Max.
.025 (2.5%) max @ 25°C
>100G
Ω or >1000ΩF
>10G
Ω or >100ΩF
120% VDCW, or 750V*
< 2.0% per decade
1KHz, 1.0 +/- 0.2 VRMS, 25°C
X7R DIELECTRIC CHARACTERISTICS
* WHICHEVER IS GREATER
SIZE
See Chart
DIELECTRIC
N = COG
B = X7R
TOLERANCE
J = +/- 5 %
K = +/- 10 %
M = +/- 20 %
Z = +80%-20%
P = +100%-0%
CAPACITANCE
Value in
Picofarads
Two significant
figures,
followed by
number of zeros:
103 = 10,000 pF
VOLTAGE-VDCW
Two significant
figures, followed
by number of
zeros:
302=3000V
TERMINATION
N= Nickel Barrier
sizes 1515
to 4540 only
P = Silver
Palladium
S = Silver
THICKNESS
OPTION
X=Non standard
thickness. Specify
in Mils if Non EIA
thickness is
required
.
PACKING
OPTION
T=Reeled
MARKING
OPTION
M=Marked
(See Marking
Specifications)
HOW TO ORDER
4540
B
103
M
302
N
X
T
M
2KV
6KV
8KV
10KV
COG
X7R
X7R
X7R
X7R
0
-10
-20
-30
-40
-50
-60
%
∆C TYPICAL VOLTAGE COEFFICIENT
2KV
4KV
6KV
8KV
10KV
Dielectric withstanding voltage testing requires
immersion of the device in a dielectric fluid to
preclude arcing over the chip surface, notably at
voltages exceeding 1000 VDC. Conformal coating
of chips is recommended in use to eliminate arcing.


Similar Part No. - 1206Z104

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
1206ZA104B4T2A KSS-1206ZA104B4T2A Datasheet
339Kb / 5P
   Automotive MLCC
Rev 1
1206ZA104C4T2A KSS-1206ZA104C4T2A Datasheet
339Kb / 5P
   Automotive MLCC
Rev 1
1206ZA104D4T2A KSS-1206ZA104D4T2A Datasheet
339Kb / 5P
   Automotive MLCC
Rev 1
1206ZA104F4T2A KSS-1206ZA104F4T2A Datasheet
339Kb / 5P
   Automotive MLCC
Rev 1
1206ZA104G4T2A KSS-1206ZA104G4T2A Datasheet
339Kb / 5P
   Automotive MLCC
Rev 1
More results

Similar Description - 1206Z104

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com