Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1206Z104 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # 1206Z104
Description  CERAMIC MULTILAYER CAPACITORS
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

1206Z104 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button 1206Z104 Datasheet HTML 12Page - List of Unclassifed Manufacturers 1206Z104 Datasheet HTML 13Page - List of Unclassifed Manufacturers 1206Z104 Datasheet HTML 14Page - List of Unclassifed Manufacturers 1206Z104 Datasheet HTML 15Page - List of Unclassifed Manufacturers 1206Z104 Datasheet HTML 16Page - List of Unclassifed Manufacturers 1206Z104 Datasheet HTML 17Page - List of Unclassifed Manufacturers 1206Z104 Datasheet HTML 18Page - List of Unclassifed Manufacturers 1206Z104 Datasheet HTML 19Page - List of Unclassifed Manufacturers 1206Z104 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
BX characteristics are identical to X7R dielectric,
with the added restriction that the Temperature-Voltage
Coefficient (TVC) is not to exceed -25%
∆C at rated
voltage, over the operating temperature range (-55°C to
125°C). NOVACAP manufactures chips using dielectrics with minimal volt-
age coefficient and layer thickness design to meet BX requirements.
BX dielectric code is X.
SMT
- BX DIELECTRIC
14
SIZE
0402
0504
0603
0805
1005
1206
1210
1808
1812
1825
2221
2225
Min Cap
121
121
121
121
121
121
121
221
471
821
821
821
16V
25V
50V
100V
200V
250V
300V
400V
500V
684
564
224
683
183
123
103
472
392
824
684
274
823
183
153
103
562
392
273
183
822
272
681
331
682
562
222
471
151
121
393
273
123
472
122
681
124
104
393
123
272
222
152
681
561
184
124
563
183
392
332
222
102
102
334
274
124
393
681
682
392
182
182
125
105
474
124
333
273
183
103
682
185
185
125
334
823
683
473
273
183
225
185
155
394
104
823
563
273
223
185
185
125
334
823
683
473
273
183
3 digit code: two significant digits, followed by number of zeros eg: 473 = 47,000 pF
CAPACITANCE & VOLTAGE SELECTION FOR POPULAR CHIP SIZES


Similar Part No. - 1206Z104

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
1206ZA104B4T2A KSS-1206ZA104B4T2A Datasheet
339Kb / 5P
   Automotive MLCC
Rev 1
1206ZA104C4T2A KSS-1206ZA104C4T2A Datasheet
339Kb / 5P
   Automotive MLCC
Rev 1
1206ZA104D4T2A KSS-1206ZA104D4T2A Datasheet
339Kb / 5P
   Automotive MLCC
Rev 1
1206ZA104F4T2A KSS-1206ZA104F4T2A Datasheet
339Kb / 5P
   Automotive MLCC
Rev 1
1206ZA104G4T2A KSS-1206ZA104G4T2A Datasheet
339Kb / 5P
   Automotive MLCC
Rev 1
More results

Similar Description - 1206Z104

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com