Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA45-3RU Datasheet(PDF) 1 Page - Schurter Inc.

Part # TA45-3RU
Description  Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation, with undervoltage
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

TA45-3RU Datasheet(HTML) 1 Page - Schurter Inc.

  TA45-3RU Datasheet HTML 1Page - Schurter Inc. TA45-3RU Datasheet HTML 2Page - Schurter Inc. TA45-3RU Datasheet HTML 3Page - Schurter Inc. TA45-3RU Datasheet HTML 4Page - Schurter Inc. TA45-3RU Datasheet HTML 5Page - Schurter Inc. TA45-3RU Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Thermal (T- and TA-Line)
TA45-3RU
https://www.schurter.com /PG17_18_19
Circuit Breakers
Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation, with undervoltage
See below:
Approvals and Compliances
Description
- Thermal circuit breaker
- 2 pole thermal overload protection
- Positively trip-free release
- High configurability
- Rocker non-illuminated or illuminated
- Snap-in version Quick connect terminal 6.3 x 0.8 mm or screw clamp
terminal M3.5 x 6 mm (lineside P1, P2)
Applications
- Power tools
- Industrial appliances
- Power supplies
Weblinks
pdf data sheet, html datasheet, General Product Information, Distributor-
Stock-Check, Detailed request for product, Product News
Technical Data
Rated Voltage AC
AC 400 VAC
Rated current range AC
0.05 - 12 A
Degree of Protection
from front side IP40 acc. to IEC 60529
Dielectric Strength
4 kVAC
Insulation Resistance
500 VDC > 100 M
Ω
Lifetime
mechanical: 50'000 switching cycles
AC: 1 x Ir:
50'000 switching cycles
Overload
AC: min. 40 trips
@ 6 x Ir
Allowable Operation Temp.
-10 °C to 55 °C
Vibration Resistance
± 0.75 mm @ 10 - 60 Hzacc. to IEC
60068-2-6, test Tc10 G @ 60 - 500
Hzacc. to IEC 60068-2-6, test Tc
Shock Resistance
30 G / 18 msacc. to IEC 60068-2-27,
test Ea
Possible Tripping Types
Thermal
Undervoltage release
Remote trip
Mechanical lock-out latch
Actuation Type
Rocker
Weight
45 - 55 g
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
SCHURTER products are designed for use in industrial environments. They have approvals from independent testing bodies according to national
and international standards. Products with specific characteristics and requirements such as required in the automotive sector according to IATF
16949, medical technology according to ISO 13485 or in the aerospace industry can be offered exclusively with customer-specific, individual agree-
ments by SCHURTER.
Approvals
The approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products.
Approval Reference Type: TA45
Approval Logo
Certificates
Certification Body
Description
VDE Approvals
VDE
VDE Certificate Number: 40019880
UL Approvals
UL
UL File Number: E71572
CCC Approvals
CCC
CCC Certificate Number: 2013010307660082


Similar Part No. - TA45-3RU

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
TA45-3R SCHURTER-TA45-3R Datasheet
474Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation
TA45-3RA SCHURTER-TA45-3RA Datasheet
476Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation, with auxiliary contact
TA45-3RAU SCHURTER-TA45-3RAU Datasheet
465Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation, with auxiliary contact, with undervoltage
More results

Similar Description - TA45-3RU

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
TA45-2RU SCHURTER-TA45-2RU Datasheet
707Kb / 10P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with undervoltage
TA45-3RAU SCHURTER-TA45-3RAU Datasheet
465Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation, with auxiliary contact, with undervoltage
TA45-3R SCHURTER-TA45-3R Datasheet
474Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation
TA45-2RAU SCHURTER-TA45-2RAU Datasheet
625Kb / 9P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with auxiliary contact, with undervoltage
TA45-3PU SCHURTER-TA45-3PU Datasheet
526Kb / 7P
   Circuit Breaker for Equipment thermal, 3 pole, Push button actuation, with undervoltage
TA35ROCKER1POLE SCHURTER-TA35ROCKER1POLE Datasheet
506Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
TA45 SCHURTER-TA45_V01 Datasheet
1Mb / 14P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
14.04.2022
TA45-2R SCHURTER-TA45-2R Datasheet
601Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE Datasheet
1,007Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE_18 Datasheet
992Kb / 8P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com