Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA45-3RU Datasheet(PDF) 6 Page - Schurter Inc.

Part # TA45-3RU
Description  Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation, with undervoltage
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

TA45-3RU Datasheet(HTML) 6 Page - Schurter Inc.

  TA45-3RU Datasheet HTML 1Page - Schurter Inc. TA45-3RU Datasheet HTML 2Page - Schurter Inc. TA45-3RU Datasheet HTML 3Page - Schurter Inc. TA45-3RU Datasheet HTML 4Page - Schurter Inc. TA45-3RU Datasheet HTML 5Page - Schurter Inc. TA45-3RU Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
Thermal (T- and TA-Line)
TA45-3RU
https://www.schurter.com /PG17_18_19
Circuit Breakers
Rated current
Configuration
key
6.0 A
060
6.5 A
065
7.0 A
070
7.5 A
075
8.0 A
080
9.0 A*
090
10.0 A*
100
11.0 A*
110
12.0 A*
120
Other rated currents on request
* The approved current range is 0.05 to 12 A. We recommend to limit the range to
max. 8 A at AC 400 V.
For the current range 9 to 12 A the voltage should be limited to AC 240 V.
TA45
|-|AK2|W|F|120|A2|-|AZM11| = Release / lock-out latch
Release / lock-out latch
Configuration
key
Remote trip release, rated voltage 400 V AC
A1
whithout release / lock-out latch
C0
Undervoltage release with additional contact, rated voltage 400 V AC
E1
Release / lock-out latch
Configuration
key
Undervoltage release with additional contact, rated voltage 240 V AC
E2
Undervoltage release with additional contact, rated voltage 230 V AC
E3
Undervoltage release, rated voltage 400 V AC
U1
Undervoltage release with 2 additional contacts, rated voltage 400 V AC
Z1
Undervoltage release with 2 additional contacts, rated voltage 240 V AC
Z2
Undervoltage release with 2 additional contacts, rated voltage 230 V AC
Z3
Undervoltage release with 2 additional contacts, rated voltage 120 V AC
Z4
Undervoltage release with 2 additional contacts, rated voltage 48 V AC / DC
Z6
Undervoltage release with 2 additional contacts, rated voltage 24 V AC / DC
Z7
Undervoltage release with 2 additional contacts, rated voltage 12 V AC / DC
Z8
Undervoltage release with 2 additional contacts, rated voltage 5 V AC / DC
Z9
TA45
|-|AK2|W|F|120|A2|-|AZM11| = Accessories
Factory mounted accessories
Configuration
key
Without cover
For subsequent fitting accessories see:
https://www.schurter.com/pdf/english/typ_TA45-ACC.pdf
Variants
Thermal
overload pro-
tection
Addition
connection
type
Illumination
Actuator colour
Legend
Rated current
Accessories
Config. Code
Order Number
2-pole
Quick connect
terminal
without illu-
mination
White
embossed
12.0 A*
Without cover
TA45-AKDWF120U1
4430.2030
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
Packaging Unit
1 Pcs
Accessories
Description
TA45-ACC
Accessories to TA45
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - TA45-3RU

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
TA45-3R SCHURTER-TA45-3R Datasheet
474Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation
TA45-3RA SCHURTER-TA45-3RA Datasheet
476Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation, with auxiliary contact
TA45-3RAU SCHURTER-TA45-3RAU Datasheet
465Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation, with auxiliary contact, with undervoltage
More results

Similar Description - TA45-3RU

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
TA45-2RU SCHURTER-TA45-2RU Datasheet
707Kb / 10P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with undervoltage
TA45-3RAU SCHURTER-TA45-3RAU Datasheet
465Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation, with auxiliary contact, with undervoltage
TA45-3R SCHURTER-TA45-3R Datasheet
474Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation
TA45-2RAU SCHURTER-TA45-2RAU Datasheet
625Kb / 9P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with auxiliary contact, with undervoltage
TA45-3PU SCHURTER-TA45-3PU Datasheet
526Kb / 7P
   Circuit Breaker for Equipment thermal, 3 pole, Push button actuation, with undervoltage
TA35ROCKER1POLE SCHURTER-TA35ROCKER1POLE Datasheet
506Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
TA45 SCHURTER-TA45_V01 Datasheet
1Mb / 14P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
14.04.2022
TA45-2R SCHURTER-TA45-2R Datasheet
601Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE Datasheet
1,007Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE_18 Datasheet
992Kb / 8P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com