Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA45-3RU Datasheet(PDF) 5 Page - Schurter Inc.

Part # TA45-3RU
Description  Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation, with undervoltage
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

TA45-3RU Datasheet(HTML) 5 Page - Schurter Inc.

  TA45-3RU Datasheet HTML 1Page - Schurter Inc. TA45-3RU Datasheet HTML 2Page - Schurter Inc. TA45-3RU Datasheet HTML 3Page - Schurter Inc. TA45-3RU Datasheet HTML 4Page - Schurter Inc. TA45-3RU Datasheet HTML 5Page - Schurter Inc. TA45-3RU Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Thermal (T- and TA-Line)
TA45-3RU
https://www.schurter.com /PG17_18_19
Circuit Breakers
Config. Code
TA45
|-|AK2|W|F|120|A2|-|AZM11|
The characters are placeholders for the correspondingly keys of selections from the key tables.
TA45
|-|AK2|W|F|120|A2|-|AZM11| = Basic function
Basic function
Configuration
key
3-pole, rocker, 2pole overload protection, screw connection, illuminated
380 V...400 V
A1D
3-pole, rocker, 2pole overload protection, shunt terminal, screw connection,
illuminated 380 V...400 V
A1G
3-pole, rocker, 2pole overload protection, quick connect terminal, illumina-
ted 380 V...400 V
AD1
3-pole, rocker, 2pole overload protection, shunt terminal, quick connect
terminal, illuminated 380 V...400 V
AG1
3-pole, rocker, 2pole overload protection, quick connect terminal, without
illumination
AKD
3-pole, rocker, 2pole overload protection, shunt terminal, quick connect
terminal, without illumination
AKG
3-pole, rocker, 2pole overload protection, quick connect terminal, momen-
tary switch, without illumination
ALD
3-pole, rocker, 2pole overload protection, shunt terminal, quick connect
terminal, momentary switch, without illumination
ALG
3-pole, rocker, 2pole overload protection, screw connection, without illu-
mination
AMD
3-pole, rocker, 2pole overload protection, shunt terminal, screw connection,
without illumination
AMG
3-pole, rocker, 2pole overload protection, screw connection, momentary
switch, without illumination
AND
3-pole, rocker, 2pole overload protection, shunt terminal, screw connection,
momentary switch, without illumination
ANG
TA45
|-|AK2|W|F|120|A2|-|AZM11| = Actuator colour
Actuator colour
Configuration
key
Clear transparent
1
Red transparent
3
Green transparent
4
Orange transparent
6
Black
B
Green
G
Red
R
White
W
Orange
X
Yellow
Y
TA45
|-|AK2|W|F|120|A2|-|AZM11| = Legend
Legend
Configuration
key
embossed
F
white printed
H
black printed
K
white printed
L
Legend
Configuration
key
black printed
M
white printed
I0
P
black printed
I0
R
white printed
S
black printed
T
TA45
|-|AK2|W|F|120|A2|-|AZM11| = Rated current
Rated current
Configuration
key
0.05 A
Z05
0.1 A
J01
0.2 A
J02
0.3 A
J03
0.4 A
J04
0.5 A
J05
0.6 A
J06
0.7 A
J07
0.8 A
J08
0.9 A
J09
1.0 A
J10
1.1 A
J11
1.2 A
J12
1.3 A
J13
1.4 A
J14
1.5 A
J15
1.6 A
J16
1.7 A
J17
1.8 A
J18
1.9 A
J19
2.0 A
J20
2.1 A
J21
2.2 A
J22
2.3 A
J23
2.5 A
J25
2.8 A
J28
3.0 A
030
3.5 A
035
4.0 A
040
4.5 A
045
5.0 A
050
Other rated currents on request
* The approved current range is 0.05 to 12 A. We recommend to limit the range to
max. 8 A at AC 400 V.
For the current range 9 to 12 A the voltage should be limited to AC 240 V.


Similar Part No. - TA45-3RU

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
TA45-3R SCHURTER-TA45-3R Datasheet
474Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation
TA45-3RA SCHURTER-TA45-3RA Datasheet
476Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation, with auxiliary contact
TA45-3RAU SCHURTER-TA45-3RAU Datasheet
465Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation, with auxiliary contact, with undervoltage
More results

Similar Description - TA45-3RU

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
TA45-2RU SCHURTER-TA45-2RU Datasheet
707Kb / 10P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with undervoltage
TA45-3RAU SCHURTER-TA45-3RAU Datasheet
465Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation, with auxiliary contact, with undervoltage
TA45-3R SCHURTER-TA45-3R Datasheet
474Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation
TA45-2RAU SCHURTER-TA45-2RAU Datasheet
625Kb / 9P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with auxiliary contact, with undervoltage
TA45-3PU SCHURTER-TA45-3PU Datasheet
526Kb / 7P
   Circuit Breaker for Equipment thermal, 3 pole, Push button actuation, with undervoltage
TA35ROCKER1POLE SCHURTER-TA35ROCKER1POLE Datasheet
506Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
TA45 SCHURTER-TA45_V01 Datasheet
1Mb / 14P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
14.04.2022
TA45-2R SCHURTER-TA45-2R Datasheet
601Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE Datasheet
1,007Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE_18 Datasheet
992Kb / 8P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com