Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6960EVKIT Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX6960EVKIT
Description  MAX6960 Evaluation Kit/Evaluation System
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6960EVKIT Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX6960EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX6960EVKIT Datasheet HTML 7Page - Maxim Integrated Products MAX6960EVKIT Datasheet HTML 8Page - Maxim Integrated Products MAX6960EVKIT Datasheet HTML 9Page - Maxim Integrated Products MAX6960EVKIT Datasheet HTML 10Page - Maxim Integrated Products MAX6960EVKIT Datasheet HTML 11Page - Maxim Integrated Products MAX6960EVKIT Datasheet HTML 12Page - Maxim Integrated Products MAX6960EVKIT Datasheet HTML 13Page - Maxim Integrated Products MAX6960EVKIT Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Cascading MAX6960
EV Kit Boards
The MAX6960 EV kit board was carefully designed to
cascade up to five MAX6960 EV kits. Tables 3 through
19 explain the functionality of each jumper when using
only one MAX6960 EV kit and Table 20 shows a sum-
mary of all the default settings. The 5V supply
requires a current capability of 2.5A per MAX6960
EV kit. For example, five cascaded MAX6960 EV kits
require a 5V supply capable of supplying 12.5A. If the
digit 0 and digit 1 segment current settings are
changed from 40mA to 20mA on all MAX6960 devices,
then the current requirement is cut in half. For example,
one MAX6960 EV kit would require 1.25A and five
MAX6960 EV kits would require 6.25A.
Table 20. Using One MAX6960
EV Kit Board
The sections below show the jumper settings for cas-
cading two, three, four, and five MAX6960 EV kit
boards.
Cascading Two MAX6960 EV Kit Boards
Table 21 shows the jumper settings when cascading
two MAX6960 EV kits. The 5V supply requires a current
capability of 5A when cascading two MAX6960 EV kits.
If the digit 0 and digit 1 segment current settings are
changed from 40mA to 20mA on all MAX6960 devices
for both MAX6960 EV kits, then the current requirement
is 2.5A.
Table 21. Cascading Two MAX6960
EV Kit Boards
MAX6960 Evaluation Kit/Evaluation System
10
______________________________________________________________________________________
MAX6960
EV KIT 1
JU1: (2-3)
JU2: (2-3)
JU3: (1-2)
JU4: (2-3)
JU5: (2-3)
JU6: (1-2)
JU7: (2-3)
JU8: (2-3)
JU9: (1-2)
JU10: (2-3)
JU11: (2-3)
JU12: (Open)
JU13: (1-2)
JU14: (1 only)
JU15: (1-2)
JU16: (1-2)
JU17: (1 only)
MAX6960
EV KIT 1
MAX6960
EV KIT 2
JU1: (2-3)
JU1: (2-3)
JU2: (2-3)
JU2: (2-3)
JU3: (1-2)
JU3: (2-3)
JU4: (2-3)
JU4: (2-3)
JU5: (2-3)
JU5: (2-3)
JU6: (1 only)
JU6: (1-2)
JU7: (2-3)
JU7: (2-3)
JU8: (2-3)
JU8: (2-3)
JU9: (1-2)
JU9: (2-3)
JU10: (2-3)
JU10: (2-3)
JU11: (2-3)
JU11: (2-3)
JU12: (Open)
JU12: (Short)
JU13: (1-2)
JU13: (2-3)
JU14: (1 only)
JU14: (1-2)
JU15: (1-2)
JU15: (1 only)
JU16: (1-2)
JU16: (1-2)
JU17: (1 only)
JU17: (1-2)
Note: Bolded text indicates changes from the default settings.


Similar Part No. - MAX6960EVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6960 MAXIM-MAX6960 Datasheet
462Kb / 34P
   4-Wire Serially Interfaced 8 x 8 Matrix Graphic LED Drivers
Rev 0; 7/05
MAX6960 MAXIM-MAX6960 Datasheet
388Kb / 35P
   4-Wire Serially Interfaced 8 x 8 Matrix Graphic LED Drivers
Rev 3; 6/07
MAX6960-MAX6963 MAXIM-MAX6960-MAX6963 Datasheet
462Kb / 34P
   4-Wire Serially Interfaced 8 x 8 Matrix Graphic LED Drivers
Rev 0; 7/05
MAX6960AMH MAXIM-MAX6960AMH Datasheet
462Kb / 34P
   4-Wire Serially Interfaced 8 x 8 Matrix Graphic LED Drivers
Rev 0; 7/05
MAX6960AMH MAXIM-MAX6960AMH Datasheet
388Kb / 35P
   4-Wire Serially Interfaced 8 x 8 Matrix Graphic LED Drivers
Rev 3; 6/07
More results

Similar Description - MAX6960EVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6884 MAXIM-MAX6884 Datasheet
758Kb / 12P
   Evaluation System/Evaluation Kit
Rev 2; 3/21
MAX6652 MAXIM-MAX6652_07 Datasheet
134Kb / 8P
   Evaluation System/Evaluation Kit
Rev 1; 3/07
MAX5581EVKIT MAXIM-MAX5581EVKIT Datasheet
263Kb / 15P
   MAX5581 Evaluation Kit/Evaluation System
Rev 0; 6/05
MAX9723D MAXIM-MAX9723D Datasheet
298Kb / 10P
   MAX9723D Evaluation Kit/Evaluation System
19-0662; Rev 0; 11/06
MAX17061EVKIT MAXIM-MAX17061EVKIT Datasheet
432Kb / 12P
   MAX17061 Evaluation Kit/Evaluation System
Rev 1; 10/08
MAX17105EVKIT MAXIM-MAX17105EVKIT Datasheet
712Kb / 14P
   MAX17105 Evaluation Kit/Evaluation System
Rev 0; 4/09
MAX9590EVKIT MAXIM-MAX9590EVKIT Datasheet
723Kb / 9P
   MAX9590 Evaluation Kit/Evaluation System
19-0561; Rev 0; 5/06
MAX5661EVKIT MAXIM-MAX5661EVKIT Datasheet
306Kb / 13P
   MAX5661 Evaluation Kit/Evaluation System
Rev 0; 3/09
MAX6660EVKIT MAXIM-MAX6660EVKIT Datasheet
190Kb / 7P
   MAX6660 Evaluation System/Evaluation Kit
Rev 0; 1/02
MAX7306EVKIT MAXIM-MAX7306EVKIT Datasheet
184Kb / 8P
   MAX7306 Evaluation Kit/Evaluation System
Rev 0; 8/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com