Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6960EVKIT Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX6960EVKIT
Description  MAX6960 Evaluation Kit/Evaluation System
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6960EVKIT Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX6960EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX6960EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX6960EVKIT Datasheet HTML 7Page - Maxim Integrated Products MAX6960EVKIT Datasheet HTML 8Page - Maxim Integrated Products MAX6960EVKIT Datasheet HTML 9Page - Maxim Integrated Products MAX6960EVKIT Datasheet HTML 10Page - Maxim Integrated Products MAX6960EVKIT Datasheet HTML 11Page - Maxim Integrated Products MAX6960EVKIT Datasheet HTML 12Page - Maxim Integrated Products MAX6960EVKIT Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
MAX6960 Evaluation Kit/Evaluation System
_______________________________________________________________________________________
9
Table 13. Digit 1 Current Setting
(RISET1—U4)
Table 14. +5V Power-Line Pass Through
Table 15. Oscillator Buffer Output (OSC)
Table 16. NEWROWBUS Pass Through
Table 17. Put U8 in a Known State
Table 18. LED Open Circuit Test
(U1COL1)
Table 19. ADDCLK Pass Through
(ADDCLK)
JUMPER
SHUNT
POSITION
DESCRIPTION
1-2
All U4 digit 1 segment currents
adjustable from 20mA to 40mA.
2-3*
All U4 digit 1 segment currents set
to 40mA.
JU11
Open
All U4 digit 1 segment currents set
to 20mA.
*Default configuration.
JUMPER
SHUNT
POSITION
DESCRIPTION
Short
See the Cascading MAX6960 EV
Kit Boards section for details.
JU12
Open*
User applies +5V between the
+5V and GND pads for the first
MAX6960 EV kit.
*Default configuration.
JUMPER
SHUNT
POSITION
DESCRIPTION
Short*
Normal operation.
JU16
Open
Creates an open circuit on the
U1COL1 line of D1 and is used for
an LED open circuit test.
*Default configuration.
JUMPER
SHUNT
POSITION
DESCRIPTION
Short
See the Cascading MAX6960 EV
Kit Boards section for details.
JU17
Open*
Do not short this jumper when
using only one MAX6960 EV kit.
*Default configuration.
JUMPER
SHUNT
POSITION
DESCRIPTION
1-2*
The MAX7375 silicon oscillator is
routed to U1, U2, U3, and U4.
JU13
2-3
See the Cascading MAX6960 EV
Kit Boards section for details.
JUMPER
SHUNT
POSITION
DESCRIPTION
Short
See the Cascading MAX6960 EV
Kit Boards section for details.
JU14
Open*
Do not short this jumper when
using only one MAX6960 EV kit.
*Default configuration.
JUMPER
SHUNT
POSITION
DESCRIPTION
Short*
Put U8 in a known state when
using only one MAX6960 EV kit.
JU15
Open
See the Cascading MAX6960 EV
Kit Boards section for details.
*Default configuration.
*Default configuration.


Similar Part No. - MAX6960EVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6960 MAXIM-MAX6960 Datasheet
462Kb / 34P
   4-Wire Serially Interfaced 8 x 8 Matrix Graphic LED Drivers
Rev 0; 7/05
MAX6960 MAXIM-MAX6960 Datasheet
388Kb / 35P
   4-Wire Serially Interfaced 8 x 8 Matrix Graphic LED Drivers
Rev 3; 6/07
MAX6960-MAX6963 MAXIM-MAX6960-MAX6963 Datasheet
462Kb / 34P
   4-Wire Serially Interfaced 8 x 8 Matrix Graphic LED Drivers
Rev 0; 7/05
MAX6960AMH MAXIM-MAX6960AMH Datasheet
462Kb / 34P
   4-Wire Serially Interfaced 8 x 8 Matrix Graphic LED Drivers
Rev 0; 7/05
MAX6960AMH MAXIM-MAX6960AMH Datasheet
388Kb / 35P
   4-Wire Serially Interfaced 8 x 8 Matrix Graphic LED Drivers
Rev 3; 6/07
More results

Similar Description - MAX6960EVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6884 MAXIM-MAX6884 Datasheet
758Kb / 12P
   Evaluation System/Evaluation Kit
Rev 2; 3/21
MAX6652 MAXIM-MAX6652_07 Datasheet
134Kb / 8P
   Evaluation System/Evaluation Kit
Rev 1; 3/07
MAX5581EVKIT MAXIM-MAX5581EVKIT Datasheet
263Kb / 15P
   MAX5581 Evaluation Kit/Evaluation System
Rev 0; 6/05
MAX9723D MAXIM-MAX9723D Datasheet
298Kb / 10P
   MAX9723D Evaluation Kit/Evaluation System
19-0662; Rev 0; 11/06
MAX17061EVKIT MAXIM-MAX17061EVKIT Datasheet
432Kb / 12P
   MAX17061 Evaluation Kit/Evaluation System
Rev 1; 10/08
MAX17105EVKIT MAXIM-MAX17105EVKIT Datasheet
712Kb / 14P
   MAX17105 Evaluation Kit/Evaluation System
Rev 0; 4/09
MAX9590EVKIT MAXIM-MAX9590EVKIT Datasheet
723Kb / 9P
   MAX9590 Evaluation Kit/Evaluation System
19-0561; Rev 0; 5/06
MAX5661EVKIT MAXIM-MAX5661EVKIT Datasheet
306Kb / 13P
   MAX5661 Evaluation Kit/Evaluation System
Rev 0; 3/09
MAX6660EVKIT MAXIM-MAX6660EVKIT Datasheet
190Kb / 7P
   MAX6660 Evaluation System/Evaluation Kit
Rev 0; 1/02
MAX7306EVKIT MAXIM-MAX7306EVKIT Datasheet
184Kb / 8P
   MAX7306 Evaluation Kit/Evaluation System
Rev 0; 8/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com