Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1218110 Datasheet(PDF) 2 Page - SICK AG

Part # 1218110
Description  MEASURING AUTOMATION LIGHT GRIDS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1218110 Datasheet(HTML) 2 Page - SICK AG

  1218110 Datasheet HTML 1Page - SICK AG 1218110 Datasheet HTML 2Page - SICK AG 1218110 Datasheet HTML 3Page - SICK AG 1218110 Datasheet HTML 4Page - SICK AG 1218110 Datasheet HTML 5Page - SICK AG 1218110 Datasheet HTML 6Page - SICK AG 1218110 Datasheet HTML 7Page - SICK AG 1218110 Datasheet HTML 8Page - SICK AG 1218110 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
MLG25N-3125H10501 | MLG-2 ProNet
MEASURING AUTOMATION LIGHT GRIDS
Ordering information
Type
Part no.
MLG25N-3125H10501
1218110
Other models and accessories
www.sick.com/MLG-2_ProNet
Detailed technical data
Features
Version
ProNet
Technology
Sender/receiver
Minimum detectable object (MDO)
25 mm, 29 mm 1) 2) 3)
Beam separation
25 mm
Number of beams
126
Detection height
3,125 mm
Software features
Q1 Presence detection
Address —
Baud rate RS-485 —
Included with delivery
1 × sender
1 × receiver
4/6 x QuickFix brackets (6 x QuickFix brackets for monitoring heights above 2 m)
1 x mounting bracket for the fieldbus module
1 x Fieldbus module
1 × Quick Start Guide
1) MDO min. detectable object at high measurement accuracy.
2) MDO min. detectable object for standard measurement accuracy.
3) Depending on beam separation without cross beam setting.
Mechanics/electronics
Light source
LED, Infrared light
Housing design (light emission)
Robust
Wave length
850 nm
Supply voltage Vs
DC 18 V ... 30 V 1)
Power consumption sender
61.3 mA 2)
1) Without load.
2) , Without load with 24 V.
3) Operating in outdoor condition only with a external protection housing.
2
AUTOMATION LIGHT GRIDS | SICK
Online data sheet | 2019-07-19 17:41:20
Subject to change without notice


Similar Part No. - 1218110

ManufacturerPart #DatasheetDescription
logo
SICK AG
1218120 SICK-1218120 Datasheet
870Kb / 9P
   MEASURING AUTOMATION LIGHT GRIDS
1218125 SICK-1218125 Datasheet
870Kb / 9P
   MEASURING AUTOMATION LIGHT GRIDS
1218126 SICK-1218126 Datasheet
870Kb / 9P
   MEASURING AUTOMATION LIGHT GRIDS
1218158 SICK-1218158 Datasheet
869Kb / 9P
   MEASURING AUTOMATION LIGHT GRIDS
More results

Similar Description - 1218110

ManufacturerPart #DatasheetDescription
logo
SICK AG
MLG1-0140A812 SICK-MLG1-0140A812 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG1-0140F412 SICK-MLG1-0140F412 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG02A-0745B13201 SICK-MLG02A-0745B13201 Datasheet
1Mb / 8P
   MEASURING AUTOMATION LIGHT GRIDS
MLG05A-0445B10501 SICK-MLG05A-0445B10501 Datasheet
1Mb / 8P
   MEASURING AUTOMATION LIGHT GRIDS
MLG1-1940F812 SICK-MLG1-1940F812 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG1-2390I812 SICK-MLG1-2390I812 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG1-2390I822 SICK-MLG1-2390I822 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG2-0140F212 SICK-MLG2-0140F212 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG2-0440F822 SICK-MLG2-0440F822 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG2-0580A812 SICK-MLG2-0580A812 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG2-1640F212 SICK-MLG2-1640F212 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com