Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BDV65B Datasheet(PDF) 3 Page - ON Semiconductor

Part # BDV65B
Description  DARLINGTONS 10 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BDV65B Datasheet(HTML) 3 Page - ON Semiconductor

  BDV65B Datasheet HTML 1Page - ON Semiconductor BDV65B Datasheet HTML 2Page - ON Semiconductor BDV65B Datasheet HTML 3Page - ON Semiconductor BDV65B Datasheet HTML 4Page - ON Semiconductor BDV65B Datasheet HTML 5Page - ON Semiconductor BDV65B Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BDV65B BDV64B
3
Motorola Bipolar Power Transistor Device Data
10K
Figure 2. DC Current Gain
IC, COLLECTOR CURRENT (A)
0.1
1
1K
4
10
NPN
PNP
VCE = 4 V
IC, COLLECTOR CURRENT (A)
0.1
1
10
Figure 3. DC Current Gain
10K
1K
1
10
0.1
IC, COLLECTOR CURRENT (A)
10
0.1
VBE(sat) @ IC/IB = 250
Figure 4. “On” Voltages
1
1
10
IC, COLLECTOR CURRENT (A)
0.1
1
Figure 5. “On” Voltages
0.1
10
1
VBE(sat) @ IC/IB = 250
Figure 6. Active Region Safe Operating Area
100
1
VCE, COLLECTOR–EMITTER VOLTAGE (V)
50
20
5
10
50
100
SECONDARY BREAKDOWN
LIMITED @ TJ v 150°C
THERMAL LIMIT @ TC = 25°C
BONDING WIRE LIMIT
BDV65B, BDV64B
dc
5.0 ms 1.0 ms
100
µs
10
1
30
There are two limitations on the power handling ability of a
transistor: average junction temperature and second break-
down. Safe operating area curves indicate IC – VCE limits of
the transistor that must be observed for reliable operation
i.e., the transistor must not be subjected to greater dissipa-
tion than the curves indicate.
The data of Figure 6 is based on TJ(pk) = 150_C, TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided TJ(pk)
v 150_C. TJ(pk) may be calculated from the data in Fig-
ure 7. At high case temperatures, thermal limitations will re-
duce the power that can be handled to values less than the
limitations imposed by second breakdown.


Similar Part No. - BDV65B

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BDV65B MOSPEC-BDV65B Datasheet
170Kb / 4P
   POWER TRANSISTORS(12A,125W)
logo
ON Semiconductor
BDV65B ONSEMI-BDV65B Datasheet
118Kb / 7P
   Complementary Silicon Plastic Power Darlingtons
May, 2012 ??Rev. 14
logo
Motorola, Inc
BDV65B MOTOROLA-BDV65B Datasheet
110Kb / 6P
   Complementary Silicon Plastic Power Darlingtons
logo
List of Unclassifed Man...
BDV65B ETC2-BDV65B Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Power Innovations Ltd
BDV65B POINN-BDV65B Datasheet
146Kb / 6P
   NPN SILICON POWER DARLINGTONS
More results

Similar Description - BDV65B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJF6388 ONSEMI-MJF6388_06 Datasheet
159Kb / 8P
   COMPLEMENTARY SILICON POWER DARLINGTONS 10 AMPERES 100 VOLTS, 40 WATTS
April, 2006 ??Rev. 8
logo
Motorola, Inc
MJF6388 MOTOROLA-MJF6388 Datasheet
338Kb / 8P
   COMPLEMENTARY SILICON POWER DARLINGTONS 10 AMPERES 100 VOLTS 40 WATTS
logo
Rectron Semiconductor
D44H RECTRON-D44H Datasheet
189Kb / 4P
   10 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 60,80 VOLTS
logo
Motorola, Inc
MF122 MOTOROLA-MF122 Datasheet
267Kb / 8P
   COMPLEMENTARY SILICON POWER DARLINGTONS
logo
ON Semiconductor
MJE122 ONSEMI-MJE122 Datasheet
267Kb / 8P
   COMPLEMENTARY SILICON POWER DARLINGTONS
1995
MJF6388 ONSEMI-MJF6388 Datasheet
338Kb / 8P
   COMPLEMENTARY SILICON POWER DARLINGTONS
REV 3
MJD44H11 ONSEMI-MJD44H11_13 Datasheet
132Kb / 8P
   Complementary Power Transistors SILICON POWER TRANSISTORS 8 AMPERES
September, 2013 ??Rev. 16
MJ21195G ONSEMI-MJ21195G_13 Datasheet
131Kb / 6P
   Silicon Power Transistors 16 AMPERES COMPLEMENTARY SILICON
September, 2013 ??Rev. 6
BDV65B ONSEMI-BDV65B_06 Datasheet
116Kb / 4P
   Complementary Silicon Plastic Power Darlingtons
March, 2006 ??Rev. 12
logo
Motorola, Inc
BDV65B MOTOROLA-BDV65B Datasheet
110Kb / 6P
   Complementary Silicon Plastic Power Darlingtons
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com