Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BDV65B Datasheet(PDF) 2 Page - ON Semiconductor

Part # BDV65B
Description  DARLINGTONS 10 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BDV65B Datasheet(HTML) 2 Page - ON Semiconductor

  BDV65B Datasheet HTML 1Page - ON Semiconductor BDV65B Datasheet HTML 2Page - ON Semiconductor BDV65B Datasheet HTML 3Page - ON Semiconductor BDV65B Datasheet HTML 4Page - ON Semiconductor BDV65B Datasheet HTML 5Page - ON Semiconductor BDV65B Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BDV65B BDV64B
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage (1)
(IC = 30 mAdc, IB = 0)
VCEO(sus)
100
Vdc
Collector Cutoff Current
(VCE = 50 Vdc, IB = 0)
ICEO
1.0
mAdc
Collector Cutoff Current
(VCB = 100 Vdc, IE = 0)
ICBO
0.4
mAdc
Collector Cutoff Current
(VCB = 50 Vdc, IE = 0, TC = 150_C)
ICBO
2.0
mAdc
Emitter Cutoff Current
(VBE = 5.0 Vdc, IC = 0)
IEBO
5.0
mAdc
ON CHARACTERISTICS
DC Current Gain
(IC = 5.0 Adc, VCE = 4.0 Vdc)
hFE
1000
Collector–Emitter Saturation Voltage
(IC = 5.0 Adc, IB = 0.02 Adc)
VCE(sat)
2.0
Vdc
Base–Emitter Saturation Voltage
(IC = 5.0 Adc, VCE = 4.0 Vdc)
VBE(on)
2.5
Vdc


Similar Part No. - BDV65B

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BDV65B MOSPEC-BDV65B Datasheet
170Kb / 4P
   POWER TRANSISTORS(12A,125W)
logo
ON Semiconductor
BDV65B ONSEMI-BDV65B Datasheet
118Kb / 7P
   Complementary Silicon Plastic Power Darlingtons
May, 2012 ??Rev. 14
logo
Motorola, Inc
BDV65B MOTOROLA-BDV65B Datasheet
110Kb / 6P
   Complementary Silicon Plastic Power Darlingtons
logo
List of Unclassifed Man...
BDV65B ETC2-BDV65B Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Power Innovations Ltd
BDV65B POINN-BDV65B Datasheet
146Kb / 6P
   NPN SILICON POWER DARLINGTONS
More results

Similar Description - BDV65B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJF6388 ONSEMI-MJF6388_06 Datasheet
159Kb / 8P
   COMPLEMENTARY SILICON POWER DARLINGTONS 10 AMPERES 100 VOLTS, 40 WATTS
April, 2006 ??Rev. 8
logo
Motorola, Inc
MJF6388 MOTOROLA-MJF6388 Datasheet
338Kb / 8P
   COMPLEMENTARY SILICON POWER DARLINGTONS 10 AMPERES 100 VOLTS 40 WATTS
logo
Rectron Semiconductor
D44H RECTRON-D44H Datasheet
189Kb / 4P
   10 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 60,80 VOLTS
logo
Motorola, Inc
MF122 MOTOROLA-MF122 Datasheet
267Kb / 8P
   COMPLEMENTARY SILICON POWER DARLINGTONS
logo
ON Semiconductor
MJE122 ONSEMI-MJE122 Datasheet
267Kb / 8P
   COMPLEMENTARY SILICON POWER DARLINGTONS
1995
MJF6388 ONSEMI-MJF6388 Datasheet
338Kb / 8P
   COMPLEMENTARY SILICON POWER DARLINGTONS
REV 3
MJD44H11 ONSEMI-MJD44H11_13 Datasheet
132Kb / 8P
   Complementary Power Transistors SILICON POWER TRANSISTORS 8 AMPERES
September, 2013 ??Rev. 16
MJ21195G ONSEMI-MJ21195G_13 Datasheet
131Kb / 6P
   Silicon Power Transistors 16 AMPERES COMPLEMENTARY SILICON
September, 2013 ??Rev. 6
BDV65B ONSEMI-BDV65B_06 Datasheet
116Kb / 4P
   Complementary Silicon Plastic Power Darlingtons
March, 2006 ??Rev. 12
logo
Motorola, Inc
BDV65B MOTOROLA-BDV65B Datasheet
110Kb / 6P
   Complementary Silicon Plastic Power Darlingtons
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com