Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BDV65B Datasheet(PDF) 1 Page - ON Semiconductor

Part # BDV65B
Description  DARLINGTONS 10 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BDV65B Datasheet(HTML) 1 Page - ON Semiconductor

  BDV65B Datasheet HTML 1Page - ON Semiconductor BDV65B Datasheet HTML 2Page - ON Semiconductor BDV65B Datasheet HTML 3Page - ON Semiconductor BDV65B Datasheet HTML 4Page - ON Semiconductor BDV65B Datasheet HTML 5Page - ON Semiconductor BDV65B Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Bipolar Power Transistor Device Data
Complementary Silicon Plastic
Power Darlingtons
. . . for use as output devices in complementary general purpose amplifier applica-
tions.
• High DC Current Gain
HFE = 1000 (min.) @ 5 Adc
• Monolithic Construction with Built–in Base Emitter Shunt Resistors
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO
100
Vdc
Collector–Base Voltage
VCB
100
Vdc
Emitter–Base Voltage
VEB
5.0
Vdc
Collector Current — Continuous
— Peak
IC
10
20
Adc
Base Current
IB
0.5
Adc
Total Device Dissipation
@ TC = 25_C
Derate above 25
_C
PD
125
1.0
Watts
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 65 to + 150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
θJC
1.0
_C/W
1.0
0.8
0
0
25
50
100
125
150
Figure 1. Power Derating
TC, CASE TEMPERATURE (°C)
75
0.4
0.6
0.2
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by BDV65B/D
© Motorola, Inc. 1996
BDV65B
BDV64B
DARLINGTONS
10 AMPERES
COMPLEMENTARY
SILICON
POWER TRANSISTORS
60 – 80 – 100 – 120 VOLTS
125 WATTS
CASE 340D–02
SOT 93, TO–218 TYPE
NPN
PNP
REV 8


Similar Part No. - BDV65B

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BDV65B MOSPEC-BDV65B Datasheet
170Kb / 4P
   POWER TRANSISTORS(12A,125W)
logo
ON Semiconductor
BDV65B ONSEMI-BDV65B Datasheet
118Kb / 7P
   Complementary Silicon Plastic Power Darlingtons
May, 2012 ??Rev. 14
logo
Motorola, Inc
BDV65B MOTOROLA-BDV65B Datasheet
110Kb / 6P
   Complementary Silicon Plastic Power Darlingtons
logo
List of Unclassifed Man...
BDV65B ETC2-BDV65B Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Power Innovations Ltd
BDV65B POINN-BDV65B Datasheet
146Kb / 6P
   NPN SILICON POWER DARLINGTONS
More results

Similar Description - BDV65B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJF6388 ONSEMI-MJF6388_06 Datasheet
159Kb / 8P
   COMPLEMENTARY SILICON POWER DARLINGTONS 10 AMPERES 100 VOLTS, 40 WATTS
April, 2006 ??Rev. 8
logo
Motorola, Inc
MJF6388 MOTOROLA-MJF6388 Datasheet
338Kb / 8P
   COMPLEMENTARY SILICON POWER DARLINGTONS 10 AMPERES 100 VOLTS 40 WATTS
logo
Rectron Semiconductor
D44H RECTRON-D44H Datasheet
189Kb / 4P
   10 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 60,80 VOLTS
logo
Motorola, Inc
MF122 MOTOROLA-MF122 Datasheet
267Kb / 8P
   COMPLEMENTARY SILICON POWER DARLINGTONS
logo
ON Semiconductor
MJE122 ONSEMI-MJE122 Datasheet
267Kb / 8P
   COMPLEMENTARY SILICON POWER DARLINGTONS
1995
MJF6388 ONSEMI-MJF6388 Datasheet
338Kb / 8P
   COMPLEMENTARY SILICON POWER DARLINGTONS
REV 3
MJD44H11 ONSEMI-MJD44H11_13 Datasheet
132Kb / 8P
   Complementary Power Transistors SILICON POWER TRANSISTORS 8 AMPERES
September, 2013 ??Rev. 16
MJ21195G ONSEMI-MJ21195G_13 Datasheet
131Kb / 6P
   Silicon Power Transistors 16 AMPERES COMPLEMENTARY SILICON
September, 2013 ??Rev. 6
BDV65B ONSEMI-BDV65B_06 Datasheet
116Kb / 4P
   Complementary Silicon Plastic Power Darlingtons
March, 2006 ??Rev. 12
logo
Motorola, Inc
BDV65B MOTOROLA-BDV65B Datasheet
110Kb / 6P
   Complementary Silicon Plastic Power Darlingtons
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com