Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5200 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2SC5200
Description  NPN Epitaxial Silicon Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC5200 Datasheet(HTML) 4 Page - ON Semiconductor

  2SC5200 Datasheet HTML 1Page - ON Semiconductor 2SC5200 Datasheet HTML 2Page - ON Semiconductor 2SC5200 Datasheet HTML 3Page - ON Semiconductor 2SC5200 Datasheet HTML 4Page - ON Semiconductor 2SC5200 Datasheet HTML 5Page - ON Semiconductor 2SC5200 Datasheet HTML 6Page - ON Semiconductor 2SC5200 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
2SC5200/FJL4315 Rev. C
3
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain ( R grade )
Figure 3. DC current Gain ( O grade )
Figure 4. Collector-Emitter Saturation Voltage
Figure 5. Base-Emitter On Voltage
Figure 6. Base-Emitter Saturation Voltage
0
2
4
6
8
10
12
14
16
18
20
0
2
4
6
8
10
12
14
16
IB = 0
IB=200mA
IB = 120mA
IB = 140mA
IB = 160mA
IB = 180mA
IB = 100mA
IB = 60mA
IB = 80mA
IB = 40mA
VCE[V], COLLECTOR-EMITTER VOLTAGE
110
1
10
100
Vce=5V
Tj=-25
oC
Tj=25
oC
Tj=125
oC
Ic[A], COLLECTOR CURRENT
110
1
10
100
Vce=5V
Tj=-25
oC
Tj=25
oC
Tj=125
oC
Ic[A], COLLECTOR CURRENT
0.1
1
10
1
10
100
1000
10000
Ic=10Ib
Tj=-25
oC
Tj=25
oC
Tj=125
oC
Ic[A], COLLECTOR CURRENT
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
2
4
6
8
10
12
V
CE = 5V
V
BE[V], BASE-EMITTER VOLTAGE
0.1
1
10
100
1000
10000
Ic=10Ib
Tj=-25
oC
Tj=25
oC
Tj=125
oC
Ic[A], COLLECTOR CURRENT


Similar Part No. - 2SC5200

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC5200 UTC-2SC5200 Datasheet
94Kb / 3P
   POWER AMPLIFIER APPLICATIONS
logo
Thinki Semiconductor Co...
2SC5200 THINKISEMI-2SC5200 Datasheet
281Kb / 2P
   150 Watt Silicon Epitaxial Planar NPN Power Transistor
logo
Fairchild Semiconductor
2SC5200 FAIRCHILD-2SC5200 Datasheet
205Kb / 6P
   NPN Epitaxial Silicon Transistor
logo
Toshiba Semiconductor
2SC5200 TOSHIBA-2SC5200 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Savantic, Inc.
2SC5200 SAVANTIC-2SC5200 Datasheet
229Kb / 4P
   Silicon NPN Power Transistors
More results

Similar Description - 2SC5200

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com