Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1943 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2SA1943
Description  PNP Epitaxial Silicon Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SA1943 Datasheet(HTML) 3 Page - ON Semiconductor

  2SA1943 Datasheet HTML 1Page - ON Semiconductor 2SA1943 Datasheet HTML 2Page - ON Semiconductor 2SA1943 Datasheet HTML 3Page - ON Semiconductor 2SA1943 Datasheet HTML 4Page - ON Semiconductor 2SA1943 Datasheet HTML 5Page - ON Semiconductor 2SA1943 Datasheet HTML 6Page - ON Semiconductor 2SA1943 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
2SA1943/FJL4215 Rev. C
2
Electrical Characteristics* T
a=25°C unless otherwise noted
* Pulse Test: Pulse Width=20
µs, Duty Cycle≤2%
Ordering Information
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCBO
Collector-Base Breakdown Voltage
IC=-5mA, IE=0
-250
V
BVCEO
Collector-Emitter Breakdown Voltage
IC=-10mA, RBE=∞
-250
V
BVEBO
Emitter-Base Breakdown Voltage
IE=-5mA, IC=0
-5
V
ICBO
Collector Cut-off Current
VCB=-230V, IE=0
-5.0
µA
IEBO
Emitter Cut-off Current
VEB=-5V, IC=0
-5.0
µA
hFE1
DC Current Gain
VCE=-5V, IC=-1A
55
160
hFE2
DC Current Gain
VCE=-5V, IC=-7A
35
60
VCE(sat)
Collector-Emitter Saturation Voltage
IC=-8A, IB=-0.8A
-0.4
-3.0
V
VBE(on)
Base-Emitter On Voltage
VCE=-5V, IC=-7A
-1.0
-1.5
V
fT
Current Gain Bandwidth Product
VCE=-5V, IC=-1A
30
MHz
Cob
Output Capacitance
VCB=-10V, f=1MHz
360
pF
Part Number
Marking
Package
Packing Method
Remarks
2SA1943RTU
A1943R
TO-264
TUBE
hFE1 R grade
2SA1943OTU
A1943O
TO-264
TUBE
hFE1 O grade
FJL4215RTU
J4215R
TO-264
TUBE
hFE1 R grade
FJL4215OTU
J4215O
TO-264
TUBE
hFE1 O grade


Similar Part No. - 2SA1943

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1943 TOSHIBA-2SA1943 Datasheet
148Kb / 2P
   TRANSISTOR (POWER AMPLIFIER APPLICATIONS)
logo
Quanzhou Jinmei Electro...
2SA1943 JMNIC-2SA1943 Datasheet
203Kb / 4P
   Silicon PNP Power Transistors
logo
Unisonic Technologies
2SA1943 UTC-2SA1943 Datasheet
112Kb / 3P
   POWER AMPLIFIER APPLICATIONS
logo
JILIN SINO-MICROELECTRO...
2SA1943 JSMC-2SA1943 Datasheet
501Kb / 8P
   Power Amplifier Applications
logo
Fairchild Semiconductor
2SA1943 FAIRCHILD-2SA1943 Datasheet
215Kb / 6P
   PNP Epitaxial Silicon Transistor
More results

Similar Description - 2SA1943

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com