Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1943 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2SA1943
Description  PNP Epitaxial Silicon Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SA1943 Datasheet(HTML) 2 Page - ON Semiconductor

  2SA1943 Datasheet HTML 1Page - ON Semiconductor 2SA1943 Datasheet HTML 2Page - ON Semiconductor 2SA1943 Datasheet HTML 3Page - ON Semiconductor 2SA1943 Datasheet HTML 4Page - ON Semiconductor 2SA1943 Datasheet HTML 5Page - ON Semiconductor 2SA1943 Datasheet HTML 6Page - ON Semiconductor 2SA1943 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
2SA1943/FJL4215 Rev. C
1
January 2009
2SA1943/FJL4215
PNP Epitaxial Silicon Transistor
Applications
High-Fidelity Audio Output Amplifier
General Purpose Power Amplifier
Features
High Current Capability: IC = -17A.
High Power Dissipation : 150watts.
High Frequency : 30MHz.
High Voltage : VCEO= -250V
Wide S.O.A for reliable operation.
Excellent Gain Linearity for low THD.
Complement to 2SC5200/FJL4315.
Full thermal and electricalSpice models are available.
Same transistor is also available in:
-- TO3P package, 2SA1962/FJA4213 : 130 watts
-- TO220 package, FJP1943 : 80 watts
-- TO220F package, FJPF1943 : 50 watts
Absolute Maximum Ratings* T
a = 25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Thermal Characteristics* T
a=25°C unless otherwise noted
* Device mounted on minimum pad size
hFE Classification
Symbol
Parameter
Ratings
Units
BVCBO
Collector-Base Voltage
-250
V
BVCEO
Collector-Emitter Voltage
-250
V
BVEBO
Emitter-Base Voltage
-5
V
IC
Collector Current
-17
A
IB
Base Current
-1.5
A
PD
Total Device Dissipation(TC=25°C)
Derate above 25
°C
150
1.04
W
W/
°C
TJ, TSTG
Junction and Storage Temperature
- 50 ~ +150
°C
Symbol
Parameter
Max.
Units
RθJC
Thermal Resistance, Junction to Case
0.83
°C/W
Classification
R
O
hFE1
55 ~ 110
80 ~ 160
1.Base 2.Collector 3.Emitter
1
TO-264


Similar Part No. - 2SA1943

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1943 TOSHIBA-2SA1943 Datasheet
148Kb / 2P
TRANSISTOR (POWER AMPLIFIER APPLICATIONS)
logo
Unisonic Technologies
2SA1943 UTC-2SA1943 Datasheet
112Kb / 3P
POWER AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
2SA1943 FAIRCHILD-2SA1943 Datasheet
215Kb / 6P
PNP Epitaxial Silicon Transistor
logo
Toshiba Semiconductor
2SA1943 TOSHIBA-2SA1943 Datasheet
142Kb / 5P
Power Amplifier Applications
logo
Savantic, Inc.
2SA1943 SAVANTIC-2SA1943 Datasheet
221Kb / 4P
Silicon PNP Power Transistors
More results

Similar Description - 2SA1943

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
PNP Epitaxial Silicon Transistor
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
SILICON PNP EPITAXIAL TRANSISTOR
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
PNP Epitaxial Silicon Transistor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
PNP SILICON EPITAXIAL TRANSISTOR
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com