Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1943 Datasheet(PDF) 6 Page - ON Semiconductor

Part # 2SA1943
Description  PNP Epitaxial Silicon Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SA1943 Datasheet(HTML) 6 Page - ON Semiconductor

  2SA1943 Datasheet HTML 1Page - ON Semiconductor 2SA1943 Datasheet HTML 2Page - ON Semiconductor 2SA1943 Datasheet HTML 3Page - ON Semiconductor 2SA1943 Datasheet HTML 4Page - ON Semiconductor 2SA1943 Datasheet HTML 5Page - ON Semiconductor 2SA1943 Datasheet HTML 6Page - ON Semiconductor 2SA1943 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
5.20
4.80
0.15
3.70
3.30
20.20
19.80
3.50
3.10
C 1.25
0.90
C 2.70
2.30 2X
20.50
19.50
C
C 6.20
5.80
20.20
19.80
R1.00 C
C 9.10
8.90
1.70
1.30
3.20
2.80
5.75
5.15
5.75
5.15
1.00
4.05
0.50
R2.00 C
0.254 M A B
0.254 A B
B
5.20
4.80
3.10
2.50
C
0.85
0.50
C
1.50
2.00
A
18.30
17.70
21.62
21.02
7.40
7.00
2.60
2.40
C
16.60
12.00
1.20
0.80
1.50
1.50
NOTES:
A. PACKAGE REFERENCE: JEDEC TO264
VARIATION AA.
B. ALL DIMENSIONS ARE IN MILLIMETERS.
C OUT OF JEDEC STANDARD VALUE.
D. DIMENSION AND TOLERANCE AS PER ASME
Y14.5-1994.
E. DIMENSIONS ARE EXCLUSIVE OF BURRS,
MOLD FLASH AND TIE BAR PROTRUSIONS.
F. THIS PACKAGE IS INTENDED ONLY FOR
"FS PKG CODE AR"
G. DRAWING FILE NAME: TO264A03REV2
FRONT VIEW
SIDE VIEW
BACK VIEW
BOTTOM VIEW


Similar Part No. - 2SA1943

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1943 TOSHIBA-2SA1943 Datasheet
148Kb / 2P
TRANSISTOR (POWER AMPLIFIER APPLICATIONS)
logo
Quanzhou Jinmei Electro...
2SA1943 JMNIC-2SA1943 Datasheet
203Kb / 4P
Silicon PNP Power Transistors
logo
Unisonic Technologies
2SA1943 UTC-2SA1943 Datasheet
112Kb / 3P
POWER AMPLIFIER APPLICATIONS
logo
JILIN SINO-MICROELECTRO...
2SA1943 JSMC-2SA1943 Datasheet
501Kb / 8P
Power Amplifier Applications
logo
Fairchild Semiconductor
2SA1943 FAIRCHILD-2SA1943 Datasheet
215Kb / 6P
PNP Epitaxial Silicon Transistor
More results

Similar Description - 2SA1943

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com