Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1218229 Datasheet(PDF) 3 Page - SICK AG

Part # 1218229
Description  MEASURING AUTOMATION LIGHT GRIDS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1218229 Datasheet(HTML) 3 Page - SICK AG

  1218229 Datasheet HTML 1Page - SICK AG 1218229 Datasheet HTML 2Page - SICK AG 1218229 Datasheet HTML 3Page - SICK AG 1218229 Datasheet HTML 4Page - SICK AG 1218229 Datasheet HTML 5Page - SICK AG 1218229 Datasheet HTML 6Page - SICK AG 1218229 Datasheet HTML 7Page - SICK AG 1218229 Datasheet HTML 8Page - SICK AG 1218229 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MLG05N-0445N10501 | MLG-2 ProNet
MEASURING AUTOMATION LIGHT GRIDS
Ripple
< 5 Vpp
Output current Imax.
100 mA
Output load capacitive
100 nF
Output load inductive
1 H
Initialization time
< 1 s
Dimensions (W x H x D)
34 mm x 523.3 mm x 30.6 mm
Housing material
Aluminum
Indication
LED
Enclosure rating
IP65, IP67 3)
Circuit protection
UV connections, reverse polarity protected, Output Q short-circuit protected, Interference pulse
suppression
Protection class
III
Weight
1.147 kg
Front screen
PMMA
Option
Nonexistent
1) Without load.
2) , Without load with 24 V.
3) Operating in outdoor condition only with a external protection housing.
Performance
Maximum range
7 m 1)
Minimum range
≥ 0 m
Operating range
5 m
Response time
8.2 ms 2) 3)
1) No reserve for environmental issue and deterioration of the diode.
2) Without high speed.
3) With resistive load.
Interfaces
Interface
PROFINET
Ambient data
Protection class
III
EMC
EN 60947-5-2
Ambient operating temperature
–30 °C +55 °C
Ambient storage temperature
–40 °C +70 °C
Ambient light immunity
Direct: 150,000 lx 1)
Indirect: 200,000 lx 2)
Vibration resistance
Sinusoidal oscillation 10-150 Hz 5 g
Shock load
Continuous shocks 10 g, 16 ms, 1000 shocks
Single shocks 15 g, 11 ms 3 per axle
UL File No.
NRKH.E181493 (Sensor)
NRAQ.E238799 (Fieldbus module)
1) Outdoor mode.
2) Light resistance indirect.
2019-06-11 15:01:15 | Online data sheet
Subject to change without notice
AUTOMATION LIGHT GRIDS | SICK
3


Similar Part No. - 1218229

ManufacturerPart #DatasheetDescription
logo
SICK AG
1218228 SICK-1218228 Datasheet
869Kb / 9P
   MEASURING AUTOMATION LIGHT GRIDS
More results

Similar Description - 1218229

ManufacturerPart #DatasheetDescription
logo
SICK AG
MLG1-0140A812 SICK-MLG1-0140A812 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG1-0140F412 SICK-MLG1-0140F412 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG02A-0745B13201 SICK-MLG02A-0745B13201 Datasheet
1Mb / 8P
   MEASURING AUTOMATION LIGHT GRIDS
MLG05A-0445B10501 SICK-MLG05A-0445B10501 Datasheet
1Mb / 8P
   MEASURING AUTOMATION LIGHT GRIDS
MLG1-1940F812 SICK-MLG1-1940F812 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG1-2390I812 SICK-MLG1-2390I812 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG1-2390I822 SICK-MLG1-2390I822 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG2-0140F212 SICK-MLG2-0140F212 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG2-0440F822 SICK-MLG2-0440F822 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG2-0580A812 SICK-MLG2-0580A812 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG2-1640F212 SICK-MLG2-1640F212 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com