Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8101L Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # RTL8101L
Description  REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8101L Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button RTL8101L Datasheet HTML 3Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 4Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 5Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 6Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 7Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 8Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 9Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 10Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
RTL8101L
2003-05-28
Rev.1.3
7
IDSEL
I
98
Initialization device select: This pin allows the RTL8101L to identify
when configuration read/write transactions are intended for it.
INTAB
O/D
80
INTAB: Used to request an interrupt. It is asserted low when an
interrupt condition occurs, as defined by the Interrupt Status, Interrupt
Mask and Interrupt Enable registers.
IRDYB
S/T/S
19
Initiator ready: This indicates the initiating agent’s ability to complete
the current data phase of the transaction.
As a bus master, this signal will be asserted low when the RTL8101L is
ready to complete the current data phase transaction. This signal is used in
conjunction with the TRDYB signal. Data transaction takes place at the
rising edge of CLK when both IRDYB and TRDYB are asserted low. As a
target, this signal indicates that the master has put data on the bus.
TRDYB
S/T/S
20
Target ready: This indicates the target agent’s ability to complete the
current phase of the transaction.
As a bus master, this signal indicates that the target is ready for the data
during write operations and with the data during read operations. As a
target, this signal will be asserted low when the (slave) device is ready to
complete the current data phase transaction. This signal is used in
conjunction with the IRDYB signal. Data transaction takes place at the
rising edge of CLK when both IRDYB and TRDYB are asserted low.
PAR
T/S
24
Parity: This signal indicates even parity across AD31-0 and C/BE3-0
including the PAR pin. As a master, PAR is asserted during address and
write data phases. As a target, PAR is asserted during read data phases.
PERRB
S/T/S
25
Parity error: When the RTL8101L is the bus master and a parity error
is detected, the RTL8101L asserts both SERR bit in ISR and
Configuration Space command bit 8 (SERRB enable). Next, it
completes the current data burst transaction, then stops operation and
resets itself. After the host clears the system error, the RTL8101L
continues its operation.
When the RTL8101L is the bus target and a parity error is detected, the
RTL8101L asserts this PERRB pin low.
SERRB
O/D
26
System error: If an address parity error is detected and Configuration
Space Status register bit 15 (detected parity error) is enabled,
RTL8101L asserts both SERRB pin low and bit 14 of Status register in
Configuration Space.
STOPB
S/T/S
23
Stop: Indicates the current target is requesting the master to stop the
current transaction.
RSTB
I
81
Reset: When RSTB is asserted low, the RTL8101L performs internal
system hardware reset. RSTB must be held for a minimum of 120 ns.
4.3 EEPROM Interface
Symbol
Type
Pin No
Description
AUX/EEDI
I/O
53
1. Aux. Power Detect: This pin is used to notify the RTL8101L of the
existence of Aux. power during initial power-on or a PCI reset.
This pin should be pulled high to the Aux. power via a resistor to detect
the Aux. power. Doing so, will enable wakeup support from ACPI D3
cold or APM power-down. If this pin is not pulled high, the RTL8101L
assumes that no Aux. power exists.
EESK
O
54
2. The MA2-0 pins are switched to EESK, EEDI, EEDO in 93C46
programming or auto-load mode.
EEDO
O, I
52


Similar Part No. - RTL8101L

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-GR REALTEK-RTL8101L-GR Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-LF REALTEK-RTL8101L-LF Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
More results

Similar Description - RTL8101L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
List of Unclassifed Man...
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com