Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8101L Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # RTL8101L
Description  REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8101L Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button RTL8101L Datasheet HTML 4Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 5Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 6Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 7Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 8Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 9Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 10Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 11Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
RTL8101L
2003-05-28
Rev.1.3
8
EECS
O
55
EEPROM chip select
4.4 Power Pins
Symbol
Type
Pin No
Description
VDD
P
6, 22, 37, 49, 90, 95
+3.3V (Digital)
AVDD
P
59, 70, 75
+3.3V (Analog)
VDD25
P
48, 94
+2.5V (Digital)
AVDD25
P
58
+2.5V (Analog)
DGND
P
2, 16, 31, 44, 88
Digital Ground
AGND
p
62, 66, 73
Analog Ground
4.5 LED Interface
Symbol
Type
Pin No
Description
LED0, 1, 2
O
78, 77, 76
LED pins
LEDS1-0
00
01
10
11
LED0
TX/RX
TX/RX
TX
Link10/
ACT
LED1
LINK100
LINK10/100
LINK10/100
Link100/
ACT
LED2
LINK10
FULL
RX
Full
During power down mode, the LEDs are OFF.
If LED1 is pulled low by a 10K resistor, the RT8101L runs in
modem-only mode and a 93C46 is not necessary.
4.6 Attachment Unit Interface
Symbol
Type
Pin No
Description
TXD+
TXD-
O
O
72
71
100/10BASE-T transmit (Tx) data
RXIN+
RXIN-
I
I
68
67
100/10BASE-T receive (Rx) data
X1
I
61
25 MHz crystal/OSC input
X2
O
60
Crystal feedback output: This output is used in crystal connection only. It
must be left open when X1 is driven with an external 25 MHz oscillator.
4.7 AC-Link Pins
Symbol
Type
Pin No
Description
AC_RSTB
O
1
MC’97 Reset: Hardware reset to Codec.
AC_SYNC
O
3
MC’97 SYNC: 48Khz fixed rate sample sync to Codec.
AC_DOUT
O
4
MC’97 Serial Data Out: Serial data output to Codec.
AC_DIN
I
5
MC’97 Serial Data In: Serial data input from Codec.
AC_BCK
I
7
MC’97 Bit Clock: 12.288Mhz serial data clock generated by Codec.
INTBB
O/D
79
INTBB is used for function 1 device (Modem) to request an interrupt.
GPIO0
I/O
100
GPIO1
I/O
99
General Purpose I/O pins: Both can be programmed as input or output by
bit0-1 of PCI GPIO Setup Register.


Similar Part No. - RTL8101L

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-GR REALTEK-RTL8101L-GR Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-LF REALTEK-RTL8101L-LF Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
More results

Similar Description - RTL8101L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
List of Unclassifed Man...
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com