Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8101L Datasheet(PDF) 67 Page - List of Unclassifed Manufacturers

Part # RTL8101L
Description  REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8101L Datasheet(HTML) 67 Page - List of Unclassifed Manufacturers

Back Button RTL8101L Datasheet HTML 60Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 61Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 62Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 63Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 64Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 65Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 66Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 67Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 68Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 67 / 68 page
background image
RTL8101L
2003-05-28
Rev.1.3
67
13. Dimensions
Note:
1.To be determined at seating plane -c-
2.Dimensions D1 and E1 do not include mold protrusion.
Symbol
Dimension in
inch
Dimension in
mm
D1 and E1 are maximum plastic body size dimensions
Min Nom Max Min Nom Max
including mold mismatch.
A
-
-
0.067
-
-
1.70
3.Dimension b does not include dambar protrusion.
A1
0.000 0.004 0.008 0.00 0.1 0.20
Dambar can not be located on the lower radius of the foot.
A2
0.051 0.055 0.059 1.30 1.40 1.50
4.Exact shape of each corner is optional.
B
0.006 0.009 0.011
0.15 0.22 0.29
5.These dimensions apply to the flat section of the lead
b1
0.006 0.008 0.010 0.15 0.20 0.25
between 0.10 mm and 0.25 mm from the lead tip.
C
0.004
-
0.008 0.09
-
0.20
6. A1 is defined as the distance from the seating plane
c1
0.004
-
0.006 0.09
-
0.16
to the lowest point of the package body.
D
0.630 BSC
16.00 BSC
7.Controlling dimension: millimeter.
D1
0.551 BSC
14.00 BSC
8. Reference document: JEDEC MS-026 , BED.
E
0.630 BSC
16.00 BSC
TITLE: 100LD LQFP ( 14x14x1.4mm)
E1
0.551 BSC
14.00 BSC
PACKAGE OUTLINE DRAWING , FOOTPRINT 2.0mm
0.020 BSC
0.50 BSC
LEADFRAME MATERIAL:
L
0.016 0.024 0.031 0.40 0.60 0.80
APPROVE
DOC. NO.
L1
0.039 REF
1.00 REF
VERSION 1
θ
θ
θ
θ
3.5°
3.5°
PAGE
OF
θ
θ
θ
θ1
-
-
-
-
CHECK
DWG NO. LQ100 - P1
θ
θ
θ
θ2
12°TYP
12°TYP
DATE
θ
θ
θ
θ3
12°TYP
12°TYP
REALTEK SEMICONDUCTOR CORP.


Similar Part No. - RTL8101L

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-GR REALTEK-RTL8101L-GR Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-LF REALTEK-RTL8101L-LF Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
More results

Similar Description - RTL8101L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
List of Unclassifed Man...
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com