Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8101L Datasheet(PDF) 55 Page - List of Unclassifed Manufacturers

Part # RTL8101L
Description  REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8101L Datasheet(HTML) 55 Page - List of Unclassifed Manufacturers

Back Button RTL8101L Datasheet HTML 51Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 52Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 53Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 54Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 55Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 56Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 57Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 58Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 59Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 68 page
background image
RTL8101L
2003-05-28
Rev.1.3
55
10. Functional Description
10.1 Transmit operation
The host CPU initiates a transmit by storing an entire packet of data in one of the descriptors in the main memory. When the
entire packet has been transferred to the Tx buffer, the RTL8101L is instructed to move the data from the Tx buffer to the
internal transmit FIFO in PCI bus master mode. When the transmit FIFO contains a complete packet or is filled to the
programmed threshold level, the RTL8101L begins packet transmission.
10.2 Receive operation
The incoming packet is placed in the RTL8101L's Rx FIFO. Concurrently, the RTL8101L performs address filtering of
multicast packets according to its hash algorithms. When the amount of data in the Rx FIFO reaches the level defined in the
Receive Configuration Register, the RTL8101L requests the PCI bus to begin transferring the data to the Rx buffer in PCI
bus master mode.
10.3 Wander Compensation
The 8101L is ANSI TP-PMD compliant and supports input and Base Line Wander (BLW) compensation in 100Base-TX mode.
The 8101L does not require external attenuation circuitry at its receive inputs, RD+/-. It accepts TP-PMD compliant waveforms
directly, requiring only a 100Ω termination and a 1:1 transformer.
BLW is the change in the average DC content, over time, of an AC coupled digital transmission over a given transmission medium.
BLW is a result from the interaction between the low frequency components of a transmitted bit stream and the frequency response
of the AC coupling component(s) within the transmission system. If the low frequency content of the digital bit stream goes below
the low frequency pole of the AC coupling transformers, then the droop characteristics of the transformers will dominate resulting
in potentially serious BLW. If BLW is not compensated, packet loss can occur.
10.4 Signal Detect
The 8101L supports signal detect in 100Base-TX mode. Therefore, the reception of normal 10Base-T link pulses and fast link
pulses defined by IEEE 802.3u Auto-negotiation by the 100Base-TX receiver do not cause the 8101L to assert signal detect.
The signal detect function of the 8101L is incorporated to meet the specifications mandated by the ANSI FDDI TP-PMD standard
as well as the IEEE 802.3 100Base-TX standard for both voltage thresholds and timing parameters.
10.5 Line Quality Monitor
The line quality monitor function is available in 100Base-TX mode. It is possible to determine the amount of Equalization being
used by accessing certain test registers with the DSP engine. This provides a crude indication of connected cable length. This
function allows for a quick and simple verification of the line quality in that any significant deviation from an expected register
value (based on a known cable length) would indicate that the signal quality has deviated from the expected nominal case.
10.6 Clock Recovery Module
The Clock Recovery Module (CRM) is supported in 100Base-TX mode. The CRM accepts 125Mb/s MLT3 data from the
equalizer. The DPLL locks onto the 125Mb/s data stream and extracts a 125MHz recovered clock. The extracted and
synchronized clock and data are used as required by the synchronous receive operations.
10.7 Loopback Operation
Loopback mode is normally used to verify that the logic operations up to the Ethernet cable function correctly. In loopback mode
for 100Mbps, the RTL8101L takes frames from the transmit descriptor and transmits them up to internal Twister logic.


Similar Part No. - RTL8101L

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-GR REALTEK-RTL8101L-GR Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-LF REALTEK-RTL8101L-LF Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
More results

Similar Description - RTL8101L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
List of Unclassifed Man...
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com