Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8101L Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # RTL8101L
Description  REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8101L Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button RTL8101L Datasheet HTML 48Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 49Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 50Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 51Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 52Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 53Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 54Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 55Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 56Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 68 page
background image
RTL8101L
2003-05-28
Rev.1.3
52
The Link status is re-established.
Magic Packet Wakeup occurs only when the following conditions are met:
The destination address of the received Magic Packet matches.
The received Magic Packet does not contain a CRC error.
The Magic bit (CONFIG3#5) is set to 1, the PMEn bit (CONFIG1#0) is set to 1, and the RTL8101L is in isolation state,
or the PME# can be asserted in current power state.
The Magic Packet pattern matches, i.e. 6 * FFh + MISC(can be none)+ 16 * DID(Destination ID) in any part of a valid
(Fast) Ethernet packet.
Wakeup Frame event occurs only when the following conditions are met:
The destination address of the received Wakeup Frame matches.
The received Wakeup Frame does not contain a CRC error.
The PMEn bit (CONFIG1#0) is set to 1.
The 8-bit CRC* (or 16-bit CRC) of the received Wakeup Frame matches with the 8-bit CRC* (or 16-bit CRC) of the
sample Wakeup Frame pattern received from the local machine’s OS.
The last masked byte** of the received Wakeup Frame matches with the last masked byte** of the sample Wakeup Frame
pattern provided by the local machine’s OS. (In Long Wakeup Frame mode, the last masked byte field is replaced with the
high byte of the 16-bit CRC.)
8-bit CRC:
This 8-bit CRC logic is used to generate an 8-bit CRC from the masked bytes of the received Wakeup Frame packet
within offset 12 to 75. Software should calculate the 8-bit Power Management CRC for each specific sample wakeup
frame and store the calculated CRC in the corresponding CRC register for the RTL8101L to check if there is Wakeup
Frame packet coming in.
16-bit CRC: (Long Wakeup Frame mode, the mask bytes cover from offset 0 to 127)
Long Wakeup Frame: The RTL8101L also supports 3 long Wakeup Frames. If the range of mask bytes of the sample
Wakeup Frame, passed down by the OS to the driver, exceeds the range from offset 12 to 75, the related registers of
wakeup frame 2 and 3 can be merged to support one long wakeup frame by setting the LongWF (bit0, CONFIG4).
Thus, the range of effective mask bytes extends from offset 0 to 127. The low byte and high byte of calculated 16-bit
CRC should be put into register CRC2 and LSBCRC2 respectively. The mask bytes (16 bytes) should be store to
register Wakeup2 and Wakeup3. The CRC3 and LSBCRC3 have no meaning in this case and should be reset to 0.
long Wakeup Frame pairs, are frames 4 and 5, and frames 6 and 7. The CRC5, CRC7, LSBCRC5, and LSBCRC7
have no meaning in this case and should be reset to 0, if the RTL8101L is set to support long Wakeup Frame. In this
case, the RTL8101L support 5 wakeup frames, that are 2 normal wakeup frames and 3 long wakeup frames.
** last masked byte:
The last byte of the masked bytes of the received Wakeup Frame packet within offset 12 to 75 (in 8-bit CRC
mode) should match with the last byte of the masked bytes of the sample Wakeup Frame provided by the local
machine’s OS.
The PME# signal is asserted only when the following are met:
The PMEn bit (bit0, CONFIG1) is set to 1.
The PME_En bit (bit8, PMCSR) in PCI Configuration Space is set to 1.
The RTL8101L may assert PME# in current power state, or the RTL8101L is in isolation state. Refer to
PME_Support(bit15-11) of the PMC register in PCI Configuration Space.
Magic Packet, LinkUp, or Wakeup Frame has occurred.
* Writing a 1 to the PME_Status (bit15) of PMCSR register in the PCI Configuration Space will clear this bit and cause
the RTL8101L to stop asserting a PME# (if enabled).


Similar Part No. - RTL8101L

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-GR REALTEK-RTL8101L-GR Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-LF REALTEK-RTL8101L-LF Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
More results

Similar Description - RTL8101L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
List of Unclassifed Man...
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com