Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8101L Datasheet(PDF) 51 Page - List of Unclassifed Manufacturers

Part # RTL8101L
Description  REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8101L Datasheet(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button RTL8101L Datasheet HTML 47Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 48Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 49Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 50Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 51Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 52Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 53Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 54Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 55Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 68 page
background image
RTL8101L
2003-05-28
Rev.1.3
51
3Dh
IPR
R
0
0
0
0
0
0
0
1
3Eh
MNGNT
R
0
0
1
0
0
0
0
0
3Fh
MXLAT
R
0
0
1
0
0
0
0
0
40h
|
FFh
-
RESERVED(ALL 0)
8.4 PCI Power Management functions
The RTL8101L is compliant to ACPI (Rev 1.1), PCI Power Management (Rev 1.1), and Device Class Power Management
Reference Specification (V1.0a), such as to support an OS Directed Power Management (OSPM) environment. To support this,
the RTL8101L provides the following capabilities:
The RTL8101L can monitor the network for a Wakeup Frame, a Magic Packet, or a Link Change, and notify the system
via PME# when such a packet or event arrives. Then, the whole system can be restored to a working state to process the
incoming jobs.
The RTL8101L can be isolated from the PCI bus automatically with the auxiliary power circuit when the PCI bus is in B3
state, i.e. the power on the PCI bus is removed. When the motherboard includes a built-in RTL8101L single-chip fast
Ethernet controller, the RTL8101L can be disabled when needed by pulling the isolate pin low to 0V.
When the RTL8101L is in power down mode (D1 ~ D3),
The Rx state machine is stopped, and the RTL8101L keeps monitoring the network for wakeup event such Magic Packet,
Wakeup Frame, and/or Link Change, in order to wake up the system. When in power down mode, the RTL8101L will not
reflect the status of any incoming packet in the ISR register and will not receive any packets into the Rx FIFO.
The FIFO status and the packets which are already received into Rx FIFO before entering into power down mode, are kept
by the RTL8101L during power down mode
The transmission is stopped. The action of PCI bus master mode is stopped as well. The Tx FIFO is kept.
After restoration to a D0 state, the PCI bus master mode continues to transfer the data, which is not yet moved into the Tx
FIFO from the last break. The packet that was not transmitted completely last time is transmitted again.
D3cold_support_PME bit(bit15, PMC register) & Aux_I_b2:0 (bit8:6, PMC register) in PCI configuration space.
If 9346 D3cold_support_PME bit(bit15, PMC) = 1, the above 4 bits depend on the existence of Aux power.
If 9346 D3cold_support_PME bit(bit15, PMC) = 0, the above 4 bits are all 0's.
Ex.:
1.
If 9346 D3c_support_PME = 1,
Aux. power exists, then PMC in PCI config space is the same as 9346 PMC, i.e. if 9346 PMC = C2 F7,
then PCI PMC = C2 F7.
Aux. power is absent, then PMC in PCI config space is the same as 9346 PMC except the above 4 bits are
all 0’s. I.e. if 9346 PMC = C2 F7, the PCI PMC = 02 76.
In this case, if wakeup support is desired when the main power is off, it is suggested that the 9346
PMC be set to: C2 F7 (RT 9346 default value). It is not recommended to set the D0_support_PME
bit to “1”.
2.
If 9346 D3c_support_PME = 0,
Aux. power exists, then PMC in PCI config space is the same as 9346 PMC. I.e. if 9346 PMC = C2 77,
then PCI PMC = C2 77.
Aux. power is absent, then PMC in PCI config space is the same as 9346 PMC except the above 4 bits are
all 0’s. I.e. if 9346 PMC = C2 77, the PCI PMC = 02 76.
In this case, if wakeup support is not desired when the main power is off, it is suggested that the 9346
PMC to be 02 76. It is not recommended to set the D0_support_PME bit to “1”.
Link Wakeup occurs only when the following conditions are met:
The LinkUp bit (CONFIG3#4) is set to 1, the PMEn bit (CONFIG1#0) is set to 1, and the RTL8101L is in isolation state,
or the PME# can be asserted in current power state.


Similar Part No. - RTL8101L

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-GR REALTEK-RTL8101L-GR Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-LF REALTEK-RTL8101L-LF Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
More results

Similar Description - RTL8101L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
List of Unclassifed Man...
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com