Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8101L Datasheet(PDF) 50 Page - List of Unclassifed Manufacturers

Part # RTL8101L
Description  REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8101L Datasheet(HTML) 50 Page - List of Unclassifed Manufacturers

Back Button RTL8101L Datasheet HTML 46Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 47Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 48Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 49Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 50Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 51Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 52Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 53Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 54Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 68 page
background image
RTL8101L
2003-05-28
Rev.1.3
50
8.3 The Default Value after Power-on(RSTB asserted)
PCI Configuration Space Table
No.
Name
Type
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
00h
VID
R
1
1
1
0
1
1
0
0
01h
R
0
0
0
1
0
0
0
0
02h
DID
R
0
0
1
1
1
0
0
1
03h
R
1
0
0
0
0
0
0
1
04h
Command
R
0
0
0
0
0
0
0
0
W
-
PERRSP
-
-
-
BMEN MEMEN
IOEN
05h
R
0
0
0
0
0
0
0
0
W
-
-
-
-
-
-
-
SERREN
06h
Status
R
0
0
0
NewCap
0
0
0
0
07h
R
0
0
0
0
0
0
1
0
W
DPERR
SSERR
RMABT
RTABT
STABT
-
-
DPD
08h
Revision ID
R
0
0
0
0
0
0
0
0
09h
PIFR
R
0
0
0
0
0
0
0
0
0Ah
SCR
R
0
0
0
0
0
0
0
0
0Bh
BCR
R
0
0
0
0
0
0
1
0
0Ch
CLS
R
0
0
0
0
0
0
0
0
0Dh
LTR
R
0
0
0
0
0
0
0
0
W
LTR7
LTR6
LTR5
LTR4
LTR3
LTP2
LTR1
LTR0
0Eh
HTR
R
0
0
0
0
0
0
0
0
0Fh
BIST
R
0
0
0
0
0
0
0
0
10h
IOAR
R
0
0
0
0
0
0
0
1
11h
R/W
0
0
0
0
0
0
0
0
12h
R/W
0
0
0
0
0
0
0
0
13h
R/W
0
0
0
0
0
0
0
0
14h
MEMAR
R
0
0
0
0
0
0
0
0
15h
R/W
0
0
0
0
0
0
0
0
16h
R/W
0
0
0
0
0
0
0
0
17h
R/W
0
0
0
0
0
0
0
0
18h
|
2Bh
RESERVED(ALL 0)
2Ch
SVID
R
1
1
1
0
1
1
0
0
2Dh
R
0
0
0
1
0
0
0
1
2Eh
SMID
R
0
0
1
1
1
0
0
1
2Fh
R
1
0
0
0
0
0
0
1
30h
BMAR
R
0
0
0
0
0
0
0
BROMEN
W
-
-
-
-
-
-
-
BROMEN
31h
R
BMAR15 BMAR14 BMAR13 BMAR12 BMAR11
0
0
0
W
BMAR15 BMAR14 BMAR13 BMAR12 BMAR11
-
-
-
32h
R/W
BMAR23 BMAR22 BMAR21 BMAR20 BMAR19 BMAR1
8
BMAR1
7
BMAR16
33h
R/W
BMAR31 BMAR30 BMAR29 BMAR28 BMAR27 BMAR2
6
BMAR2
5
BMAR24
34h
Cap-Ptr
R
Ptr7
Ptr6
Ptr5
Ptr4
Ptr3
Ptr2
Ptr1
Ptr0
35h
|
3Bh
RESERVED(ALL 0)
3Ch
ILR
R/W
0
0
0
0
0
0
0
0


Similar Part No. - RTL8101L

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-GR REALTEK-RTL8101L-GR Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-LF REALTEK-RTL8101L-LF Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
More results

Similar Description - RTL8101L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
List of Unclassifed Man...
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com