Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8101L Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # RTL8101L
Description  REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8101L Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button RTL8101L Datasheet HTML 45Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 46Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 47Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 48Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 49Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 50Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 51Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 52Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
RTL8101L
2003-05-28
Rev.1.3
49
10-1
-
Reserved (read back 0)
0
BROMEN
Boot ROM Enable: This is used by the PCI BIOS to enable accesses to Boot ROM.
ILR: Interrupt Line Register
The Interrupt Line Register is an 8-bit register used to communicate with the routing of the interrupt. It is written by the
POST software to set interrupt line for the RTL8101L.
IPR: Interrupt Pin Register
The Interrupt Pin register is an 8-bit register indicating the interrupt pin used by the RTL8101L. The RTL8101L uses
INTA interrupt pin. Read only. IPR = 01H.
MNGNT: Minimum Grant Timer: Read only
Specifies how long a burst period the RTL8101L needs at 33 MHz clock rate in units of 1/4 microsecond. This field
will be set to a value from the external EEPROM. If there is no EEPROM, this field will default to a value of 20h.
MXLAT: Maximum Latency Timer: Read only
Specifies how often the RTL8101L needs to gain access to the PCI bus in unit of 1/4 microsecond. This field will be
set to a value from the external EEPROM. If there is no EEPROM, this field will default to a value of 20h.
Cap_ID: Capability ID: Read only
Read as 01h (PCI bus power management capability ID)
Next_Item_Ptr: Next Item Pointer: Read only
Read as 00h (Last capability list)
Power Management Capabilities:
Bit
Type
Function
15
R
Read as 1 (PME# can be asserted from D3cold)
–
14
R
Read as 1 (PME# can be asserted from D3hot)
13
R
Read as 0 (PME# can not be asserted from D2)
12
R
Read as 0 (PME# can not be asserted from D1)
11
R
Read as 0 (PME# can not be asserted from D0)
10
R
Read as 0 (Not support D2 state)
9
R
Read as 0 (Not support D1 state)
8:6
R
Read as 010 (consume maximum 100mA from Vaux)
–
5
R
Read as 1 (Device Specific Initialization (DSI) required)
4
R
Read as 0
3
R
Read as 0 (PCI clock is not required for PME# operation)
2:0
R
Read as 010b
(PCI Power Management Interface Specification Revision 1.1)
–Once Vaux is not supplied, bit[15] read as 0 to indicates PME# is not supported in D3(cold), and bit[8:6] read as 000b.
PMCSR:
Bit
Type
Function
15
R/W
PME_Status : 0 : Normal
1 : PME# asserted
14:13
R
Data_Scale: Read as 00b
12:9
R
Data_Select: Read as 0000b
8
R/W
PME_En : 0 : Disable
1 : Enable
7:2
R
Read as 0
1:0
R/W
PowerState : 00:D0 01:Reserved 10:Reserved 11:D3hot
–Write a “1” to bit 15 will clear it and cause the function to stop asserting PME#. Write a “0” has no effect. Note that bit 15 is
independent of bit 8.
—Write “01” and “10” to bit 1,0 has no effect to RTL8101L. RTL8101L terminate the cycle normally and discard the data (bit 1,0
only).
˜Bit 15 and bit 8 are sticky which means indeterminate after system reset. System OS should clear them after boot. These 2 bits
consume power from Vaux. Bits except bit 15/8 consume power from normal power source.
™ Because only PCI 2.2 support auxiliary power Vaux, chip designer must pay attention to the interface of PME# related circuit
and non-PME# related circuit.


Similar Part No. - RTL8101L

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-GR REALTEK-RTL8101L-GR Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-LF REALTEK-RTL8101L-LF Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
More results

Similar Description - RTL8101L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
List of Unclassifed Man...
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com