Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8101L Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # RTL8101L
Description  REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8101L Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button RTL8101L Datasheet HTML 44Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 45Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 46Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 47Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 48Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 49Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 50Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 51Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 68 page
background image
RTL8101L
2003-05-28
Rev.1.3
48
Reads will return a 0, writes are ignored.
LTR: Latency Timer Register
Specifies, in units of PCI bus clocks, the value of the latency timer of the RTL8101L.
When the RTL8101L asserts FRAMEB, it enables its latency timer to count. If the RTL8101L deasserts FRAMEB prior
to count expiration, the content of the latency timer is ignored. Otherwise, after the count expires, the RTL8101L initiates
transaction termination as soon as its GNTB is deasserted. Software is able to read or write, and the default value is 00H.
HTR: Header Type Register
Reads will return a 0, writes are ignored.
BIST: Built-in Self Test
Reads will return a 0, writes are ignored.
IOAR: This register specifies the BASE IO address which is required to build an address map during configuration. It also
specifies the number of bytes required as well as an indication that it can be mapped into IO space.
Bit
Symbol
Description
31-8
IOAR31-8 BASE IO Address: This is set by software to the Base IO address for the operational register map.
7-2
IOSIZE
Size Indication: Read back as 0. This allows the PCI bridge to determine that the RTL8101L requires
256 bytes of IO space.
1
-
Reserved
0
IOIN
IO Space Indicator: Read only. Set to 1 by the RTL8101L to indicate that it is capable of being mapped
into IO space.
MEMAR: This register specifies the base memory address for memory accesses to the RTL8101L operational registers. This
register must be initialized prior to accessing any RTL8101L's register with memory access.
Bit
Symbol
Description
31-8
MEM31-8 Base Memory Address: This is set by software to the base address for the operational register map.
7-4
MEMSIZE Memory Size: These bits return 0, which indicates that the RTL8101L requires 256 bytes of Memory Space.
3
MEMPF
Memory Prefetchable: Read only. Set to 0 by the RTL8101L.
2-1
MEMLOC Memory Location Select: Read only. Set to 0 by the RTL8101L. This indicates that the base register is
32-bit wide and can be placed anywhere in the 32-bit memory space.
0
MEMIN
Memory Space Indicator: Read only. Set to 0 by the RTL8101L to indicate that it is capable of being
mapped into memory space.
SVID: Subsystem Vendor ID. This field will be set to a value corresponding to PCI Subsystem Vendor ID in the external
EEPROM. If there is no EEPROM, this field will default to a value of 10ECh which is Realtek Semiconductor's PCI
Subsystem Vendor ID.
SMID: Subsystem ID. This field will be set to value corresponding to PCI Subsystem ID in the external EEPROM. If there is no
EEPROM, this field will default to a value of 8139h.
BMAR: This register specifies the base memory address for memory accesses to the RTL8139C(L) operational registers. This
register must be initialized prior to accessing any RTL8139C(L)'s register with memory access.
Bit
Symbol
Description
31-18
BMAR31-18
Boot ROM Base Address
17-11
ROMSIZE
These bits indicate how many Boot ROM spaces to be supported.
The Relationship between Config 0 <BS2:0> and BMAR17-11 is the following:
BS2 BS1 BS0 Description
0 0 0 No Boot ROM, BROMEN=0 (R)
0 0 1 8K Boot ROM, BROMEN (R/W), BMAR12-11 = 0 (R), BMAR17-13 (R/W)
0 1 0 16K Boot ROM, BROMEN (R/W), BMAR13-11 = 0 (R), BMAR17-14 (R/W)
0 1 1 32K Boot ROM, BROMEN (R/W), BMAR14-11 = 0 (R), BMAR17-15 (R/W)
1 0 0 64K Boot ROM, BROMEN (R/W), BMAR15-11 = 0 (R), BMAR17-16 (R/W)
1 0 1 128K Boot ROM, BROMEN(R/W), BMAR16-11=0 (R), BMAR17 (R/W)
1 1 0 unused
1 1 1 unused


Similar Part No. - RTL8101L

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-GR REALTEK-RTL8101L-GR Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-LF REALTEK-RTL8101L-LF Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
More results

Similar Description - RTL8101L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
List of Unclassifed Man...
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com