Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8101L Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # RTL8101L
Description  REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8101L Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button RTL8101L Datasheet HTML 40Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 41Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 42Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 43Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 44Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 45Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 46Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 47Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 68 page
background image
RTL8101L
2003-05-28
Rev.1.3
44
7.1 Summary of RTL8101L’s EEPROM registers
Offset
Name
Type
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
00h-05h IDR0 – IDR5 R/W*
51h
CONFIG0
R
-
-
-
-
BS2
BS1
BS0
W*
-
-
-
-
-
-
-
-
52h
CONFIG1
R
LEDS1
LEDS0
DVRLOAD LWACT MEMMAP IOMAP
VPD
PMEN
W*
LEDS1
LEDS0
DVRLOAD LWACT
-
-
VPD
PMEN
58h
R
TxFCE
RxFCE
-
-
-
-
W*
TxFCE
RxFCE
-
-
-
-
63H
R
-
-
Spd_Set
ANE
-
-
-
FUDUP
MSRBMCR
W*
-
-
Spd_Set
ANE
-
-
-
FUDUP
59h
CONFIG3
R
GNTDel PARM_EN
Magic
LinkUp
-
-
-
FBtBEn
W*
-
PARM_EN
Magic
LinkUp
-
-
-
-
5Ah
CONFIG4
R/W* RxFIFO
AutoClr
AnaOff
LongWF
LWPME
-
LWPTN
-
-
78h-7Bh PHY1_PARM R/W**
32 bit Read Write
7Ch-7Fh TW1_PARM
TW2_PARM
R/W**
32 bit Read Write
32 bit Read Write
80h
PHY2_PARM R/W**
8 bit Read Write
D8h
CONFIG5
R/W*
-
-
-
-
-
LDPS LANWak
e
PME_ST
S
*
The registers marked with type = 'W*' can be written only if bits EEM1=EEM0=1.
**
The registers marked with type = 'W**' can be written only if bits EEM1=EEM0=1 and CONFIG3<PARM_EN> = 0.
7.2 Summary of EEPROM Power Management registers
Configuration
Space offset
Name
Type
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
52h
R
Aux_I_b1 Aux_I_b0
DSI
Reserved PMECLK
Version
53h
PMC
R
PME_D3cold PME_D3ho
t
PME_D2 PME_D1 PME_D0
D2
D1
Aux_I_b2
R
PME_Status
-
-
-
-
-
-
PME_En
55h
PMCSR
W
PME_Status
-
-
-
-
-
-
PME_En


Similar Part No. - RTL8101L

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-GR REALTEK-RTL8101L-GR Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-LF REALTEK-RTL8101L-LF Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
More results

Similar Description - RTL8101L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
List of Unclassifed Man...
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com