Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8101L Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # RTL8101L
Description  REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8101L Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button RTL8101L Datasheet HTML 39Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 40Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 41Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 42Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 43Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 44Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 45Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 46Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 68 page
background image
RTL8101L
2003-05-28
Rev.1.3
43
Do not change this field without Realtek approval.
1Fh
CONFIG_5
Bit7-6: Reserved.
Bit5-4: Multi-function Select:
00b: Ethernet Controller Only
01b: MC’97 Controller Only
10b: Ethernet+MC’97 Controllers
11b:After ver F Ethernet+Auto detect MC’97 Controllers
If 8101L detected MC’97 clock the 8101L set to Multi-function. Otherwise it
set to Ethernet only. Only detect the MC’97 while power on reset.
From A to E version: Ethernet+MC’97 Controllers
Bit3: Reserved.
Bit2: Link Down Power Saving mode:
Set to 1: Disable.
Set to 0: Enable. When cable is disconnected(Link Down), the analog part will power
down itself (PHY Tx part & part of twister) automatically except PHY Rx part and
part of twister to monitor SD signal in case that cable is re-connected and Link should
be established again.
Bit1: LANWake signal Enable/Disable
Set to 1: Enable LANWake signal.
Set to 0: Disable LANWake signal.
Bit0: PME_Status bit property
Set to 1: The PME_Status bit can be reset by PCI reset or by software if
D3cold_support_PME is 0. If D3cold_support_PME=1, the PME_Status bit is a
sticky bit.
Set to 0: The PME_Status bit is always a sticky bit and can only be reset by software.
20h-21h
MC97_VID
Vendor ID of MC’97 Controller.
22h-23h
MC97_DID
Device ID of MC’97 Controller.
24h-25h
MC97_SVID
Sub-Vendor ID of MC’97 Controller.
26h-27h
MC97_SDID
Sub-Device ID of MC’97 Controller.
28h-2Bh
PHY1_PARM_T
Reserved. Do not change this field without Realtek approval.
PHY Parameter 1-T for RTL8101L. Operational registers of the RTL8101L are from 78h
to 7Bh.
2Ch
PHY2_PARM_T
Reserved. Do not change this field without Realtek approval.
2Dh-31h
-
Reserved.
32h-33h
CheckSum
Reserved. Do not change this field without Realtek approval.
Checksum of the EEPROM content.
34h-3Eh
-
Reserved. Do not change this field without Realtek approval.
3Fh
PXE_Para
Reserved. Do not change this field without Realtek approval.
PXE ROM code parameter.
40h-7Fh
VPD_Data
VPD data field. Offset 40h is the start address of the VPD data.


Similar Part No. - RTL8101L

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-GR REALTEK-RTL8101L-GR Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-LF REALTEK-RTL8101L-LF Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
More results

Similar Description - RTL8101L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
List of Unclassifed Man...
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com