Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8101L Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # RTL8101L
Description  REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8101L Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button RTL8101L Datasheet HTML 38Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 39Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 40Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 41Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 42Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 43Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 44Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 45Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 68 page
background image
RTL8101L
2003-05-28
Rev.1.3
42
7. EEPROM (93C46) Contents
The 93C46 is a 1K-bit EEPROM. Although it is actually addressed by words, its contents are listed below by bytes for
convenience. After the valid duration of the RSTB pin or auto-load command in the 9346CR, the RTL8101L performs a series of
EEPROM read operations from the 93C46 addresses 00H to 31H.
It is suggested to obtain Realtek approval before changing the default settings of the EEPROM.
Bytes
Contents
Description
00h
29h
01h
81h
These 2 bytes contain the ID code word for the RTL8101L. The RTL8101L will load the
contents of EEPROM into the corresponding location if the ID word (8129h) is right,
otherwise, the RTL8101L will not proceed with the EEPROM autoload process.
02h-05h
-
Reserved. The RTL8101L no longer supports autoload of Vender ID and Device ID. The
default values of VID and DID are hex 10EC and 8139, respectively.
06h-07h
SVID
PCI Subsystem Vendor ID, PCI configuration space offset 2Ch-2Dh.
08h-09h
SMID
PCI Subsystem ID, PCI configuration space offset 2Eh-2Fh.
0Ah
MNGNT
PCI Minimum Grant Timer, PCI configuration space offset 3Eh.
0Bh
MXLAT
PCI Maximum Latency Timer, PCI configuration space offset 3Fh.
0Ch
MSRBMCR
Bits 7-6 map to bits 7-6 of the Media Status register (MSR); Bits 5, 4, 0 map to bits 13,
12, 8 of the Basic Mode Control register (BMCR); Bits 3-2 are reserved. If the network
speed is set to Auto-Detect mode (i.e. Nway mode), then Bit 1=0 means the local
RTL8101L supports flow control (IEEE 802.3x). In this case, Bit 10=1 in the
Auto-negotiation Advertisement Register (offset 66h-67h), and Bit 1=1 means the local
RTL8101L does not support flow control. In this case, Bit 10=0 in Auto-negotiation
Advertisement. This is because there are Nway switch hubs which keep sending flow
control pause packets for no reason, if the link partner supports Nway flow control.
0Dh
CONFIG3
RTL8101L Configuration register 3, operational register offset 59H.
0Eh-13h
Ethernet ID
Ethernet ID, After auto-load command or hardware reset, RTL8101L loads Ethernet ID
to IDR0-IDR5 of RTL8101L's I/O registers.
14h
CONFIG0
RTL8101L Configuration register 0, operational registers offset 51h.
15h
CONFIG1
RTL8101L Configuration register 1, operational registers offset 52h.
16h-17h
PMC
Reserved. Do not change this field without Realtek approval.
Power Management Capabilities. PCI configuration space address 52h and 53h.
18h
PMCSR
Reserved. Do not change this field without Realtek approval.
Power Management Control/Status. PCI configuration space address 55h.
19h
CONFIG4
Reserved. Do not change this field without Realtek approval.
RTL8101L Configuration register 4, operational registers offset 5Ah.
1Ah-1Dh
PHY1_PARM_U
Reserved. Do not change this field without Realtek approval.
PHY Parameter 1-U for RTL8101L. Operational registers of the RTL8101L are from 78h
to 7Bh.
1Eh
PHY2_PARM_U
Reserved. Do not change this field without Realtek approval.
PHY Parameter 2-U for RTL8101L. Operational register of the RTL8101L is 80h.


Similar Part No. - RTL8101L

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-GR REALTEK-RTL8101L-GR Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-LF REALTEK-RTL8101L-LF Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
More results

Similar Description - RTL8101L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
List of Unclassifed Man...
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com