Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8101L Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # RTL8101L
Description  REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8101L Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button RTL8101L Datasheet HTML 35Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 36Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 37Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 38Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 39Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 40Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 41Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 42Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
RTL8101L
2003-05-28
Rev.1.3
39
6.22 PCI GPIO Status Register
(Offset 002Eh-002Fh, R/W)
Bit
R/W
Symbol
Description
15-10
-
-
Reserved
9
R/W
PCIGPIO1_PMES
PCIGPIO1 PME# Event Status:
1: PCIGPIO1 PME# event has been occurred in D3 state.
0: No PCIGPIO1 PME# event has been occurred in D3 state.
Write a 1 to clear this status bit.
8
R/W
PCIGPIO0_PMES
PCIGPIO0 PME# Event Status:
1: PCIGPIO0 PME# event has been occurred in D3 state.
0: No PCIGPIO0 PME# event has been occurred in D3 state.
Write a 1 to clear this status bit.
7-2
-
-
Reserved
1
R/W
PCIGPIO1_IOS
PCIGPIO1 Input/Output Status:
1: PCIGPIO1 is driven high by external device (input).
/ Drive PCIGPIO1 high (output).
0: PCIGPIO1 is driven low by external device (input).
/ Drive PCIGPIO1 low (output).
0
R/W
PCIGPIO0_IOS
PCIGPIO0 Input/Output Status:
1: PCIGPIO0 is driven high by external device (input).
/ Drive PCIGPIO0 high (output).
0: PCIGPIO0 is driven low by external device (input).
/ Drive PCIGPIO0 low (output).
❶ When this pin is used as input.
❷ PCIGPIOSR[9:8] and PCIGPIOSR[1:0] are sticky bits like as PME_Status (PMCSR.15) and PME_EN (PMCSR.8) be power
by Vaux.
6.23 EEPROM (93C46) Command Register
(Offset 0030h, R/W)
Bit
R/W
Symbol
Description
7-6
R/W
EEM1-0
Operating Mode: These 2 bits select the RTL8101L operating mode.
EEM1
EEM0
Operating Mode
0
0
Normal (RTL8101L network/host communication mode)
0
1
Auto-load: Entering this mode will make the RTL8101L
load the contents of 93C46 like when the RSTB signal is
asserted. This auto-load operation will take about 2 ms.
After it is completed, the RTL8101L goes back to the
normal mode automatically (EEM1 = EEM0 = 0) and all
the other registers are reset to default values.
1
0
93C46 programming: In this mode, both network and
host bus master operations are disabled. The 93C46 can
be directly accessed via bit3-0 which now reflect the
states of EECS, EESK, EEDI, & EEDO pins respectively.
1
1
Config register write enable: Before writing to CONFIG0,
1, 3, 4 registers, and bit13, 12, 8 of BMCR(offset
62h-63h), the RTL8101L must be placed in this mode.
This will prevent RTL8101L's configurations from
accidental change.
4-5
-
-
Reserved
3
R/W
EECS
2
R/W
EESK
These bits reflect the state of EECS, EESK, EEDI & EEDO pins in
auto-load or 93C46 programming mode.


Similar Part No. - RTL8101L

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-GR REALTEK-RTL8101L-GR Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-LF REALTEK-RTL8101L-LF Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
More results

Similar Description - RTL8101L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
List of Unclassifed Man...
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com