Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8101L Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # RTL8101L
Description  REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8101L Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button RTL8101L Datasheet HTML 33Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 34Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 35Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 36Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 37Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 38Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 39Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 40Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 68 page
background image
RTL8101L
2003-05-28
Rev.1.3
37
4
R/W
ACLINK_WES
AC-LINK Wake-up Event Status:
1: AC-LINK wake-up event occurred.
0: No wake-up event.
This bit is set if ACLINK wake-up event is detected. This controller will
generate an interrupt when (ACLINK_WES=1) & (ACLINK_WIE=1).
Writing a ‘1’ to clear this bit, and its interrupt.
This bit will not be set when ACLINK Shut-Off (ACCR.3) is 0. Once it
is set by an ACLINK wake-up event, it can only be cleared after
ACLINK Shut-Off is cleared.
3
R/W
FIFO_un
LINE1-Out FIFO Under-run:
1: FIFO error indicates a FIFO under-run. And it will cause an interrupt
if the enable bit in LINE1-Out’s Control Register is set. This bit and its
interrupt should be cleared by written a ‘1’.
2
R/W
LO_Curr_End
Completion of current Line1-Out’s descriptor:
1: The current LINE1-Out’s descriptor has got the last sample from
system memory. And it will cause an interrupt if the enable bit in Control
Register is set. This bit and its interrupt should be cleared by writting a
‘1’.
1
R/W
LO_Last_End
Completion of the last LINE1-Out’s descriptor:
1: The last descriptor has got the last sample from system memory. And
it will cause an interrupt if the enable bit in Control Register is set. This
bit and its interrupt should be cleared by writing a ‘1’.
0
R/W
GPIS
MC97 GPIO Interrupt Status:
1: MC97 GPIO interrupt. The GPIO_INT (ACSIR.8) has ever been set.
0: No MC97 GPIO interrupt.
This bit is set if GPIO_INT (ACSIR.8) has ever been set. This controller
will generate an interrupt when (GPIS=1) & (GPIE=1).
Writing a ‘1’ will clear this bit and its interrupt.
❶ Bit 4 is sticky bit preserved by consuming power from Vaux.
❷ When PCIGPIOx pin is used as input.
6.21 PCI GPIO Setup Register
(Offset 002Ch-002Dh, R/W)
Bit
R/W
Symbol
Description
15-10
-
-
Reserved
9
R/W
PCIGPIO1_PEE
PCIGPIO1 PME# Event Enable (when PCIGPIO1 is used as input):
❶❷
1: Enable
0: Disable
A low to high transaction on PCIGPIO1 will trigger the PCI PME# in D3
state.
8
R/W
PCIGPIO0_PEE
PCIGPIO0 PME# Event Enable (when PCIGPIO0 is used as input):
❶❷
1: Enable
0: Disable
A low to high transaction on PCIGPIO0 will trigger the PCI PME# in D3
state.
7-6
-
-
Reserved
5
R/W
PCIGPIO1_IE
PCIGPIO1 interrupt Enable (when PCIGPIO1 is used as input):
1: Enable
0: Disable
A low to high transaction PCIGPIO1 will trigger the PCI interrupt.
4
R/W
PCIGPIO0_IE
PCIGPIO0 interrupt Enable (when PCIGPIO0 is used as input):


Similar Part No. - RTL8101L

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-GR REALTEK-RTL8101L-GR Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-LF REALTEK-RTL8101L-LF Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
More results

Similar Description - RTL8101L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
List of Unclassifed Man...
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com