Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8101L Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # RTL8101L
Description  REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8101L Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button RTL8101L Datasheet HTML 32Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 33Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 34Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 35Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 36Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 37Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 38Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 39Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 68 page
background image
RTL8101L
2003-05-28
Rev.1.3
36
(Offset 0026h - 0027h, R/W)
Bit
R/W
Symbol
Description
15-0
R/W
GPIOOD
MC97’s GPIO output data.
❶ Bit [15:0] control the GPIO [15:0] output of MC97. Bit 15~0 are sent on SDATA-OUT slot-12 bit 19 to bit 4.
❷ Software should check ACSIR.9 (GPIO_Busy) before writing data. If GPIO_Busy is set by hardware and bit[15:0] are changed,
any pending data will be overwritten.
6.19 Real Time GPIO Input Data From MC’97
(Offset 0028h - 0029h, RO)
Bit
R/W
Symbol
Description
15-0
R
GPIOID
MC97’s GPIO input data.
❶ These bits reflect the real time GPIO input status on SDATA-IN from MC97. Bit 15~0 are latched from SDATA-IN input slot
12 bit 19~4 when data is valid.
❷ These bits are real-time updated according to SDATA-IN slot-12 in every frame.
6.20 Interrupt Status Register
(Offset 002Ah-002Bh, R/W)
Bit
R/W
Symbol
Description
15
R/W
SERR_IE
SERR# Interrupt Enable:
1: Enable interrupt when RTL8101L signals SERR# on PCI bus
0: Disable
14
R/W
SERR_IS
SERR# Interrupt Status:
1: SERR# interrupt, RTL8101L signals SERR# on PCI bus.
0: No SERR# interrupt.
This controller will generate an SERR# interrupt when (SERR_IE=1) &
(SERR# Status=1, Status[14] in configuration space).
Write a ‘1’ to clear this bit and its interrupt.
13-10
-
-
Reserved
9
R/W
PCIGPIO1_IS·
PCIGPIO1 Interrupt Status:
1: PCIGPIO1 interrupt.
0: No PCIGPIO1 interrupt.
Write 1 to clear this status bit and its interrupt.
8
R/W
PCIGPIO0_IS
PCIGPIO0 Interrupt Status:
1: PCIGPIO0 interrupt.
0: No PCIGPIO0 interrupt.
Write 1 to clear this status bit and its interrupt.
7
R/W
FIFO_ov
LINE-In’s FIFO Over-run:
1: FIFO error indicates a FIFO over-run. And it will cause an interrupt if
theenable bit in Control Register is set. This bit and its interrupt should
be cleared by written a ‘1’. The data received after overrun occurs will
not come into FIFO.
6
R/W
LI_Curr_End
Completion of current LINE-In’s descriptor:
1: The current descriptor has sent the last sample to system memory. And
it will cause an interrupt if the enable bit in Control Register is set. This
bit and its interrupt should be cleared by written a ‘1’.
5
R/W
LI_Last_End
Completion of the last LINE-In’s descriptor:
1: The last descriptor has sent the last sample to system memory. And it
will cause an interrupt if the enable bit in Control Register is set. This bit
and its interrupt should be cleared by written a ‘1’.


Similar Part No. - RTL8101L

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-GR REALTEK-RTL8101L-GR Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-LF REALTEK-RTL8101L-LF Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
More results

Similar Description - RTL8101L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
List of Unclassifed Man...
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com