Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8101L Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # RTL8101L
Description  REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8101L Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button RTL8101L Datasheet HTML 31Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 32Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 33Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 34Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 35Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 36Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 37Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 38Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 68 page
background image
RTL8101L
2003-05-28
Rev.1.3
35
AC-LINK Read Time-Out is set. Software should check this bit before
doing an AC-LINK Read/Write command. Any written data into bit[7:0]
before this bit is cleared by HW will be ignored.
14
R
MC_RDY
1: MC’97 is in ready state. This bit indicates the state of bit-15 in slot-0
of AC97_SDATAIN.
0: MC’97 is not ready.
13
R
ACLINK_RTO
AC-LINK Read Time-Out:
1: It is set when MC’97 doesn’t response the read command in 4 AC-LINK
frames.· This bit is auto cleared by hardware when controller receive data
from MC’97 in 4 frames since the read command has been issued.
0: MC’97 read completed
Or it is cleared when each time Command Bit (ACLINK_CB) is written.
12
R
ACLINK_RD
AC-LINK Read Data is Available:
1: The read data is available
0: The read data is not available
This bit is set after data has been get from AC-LINK, and is cleared
when each time Command Bit (ACLINK_CB) is written.
This bit is also set when AC-LINK Read Time-Out is set, software
should ignore the read back data in this case.
11-10
-
-
Reserved
9
R
GPIO_BZ¸
GPIO output data status:
1: Previous data has not been sent yet.
0: Previous data had been sent.
This bit is set by hardware after software writes data into GPIOCR and
the transaction on SDATA-OUT slot-12 has not been finished. It is auto
cleared by hardware after the transaction on SDATA-OUT slot-12 had
been finished.
8
R
GPIO_INT
GPIO Interrupt:
1: GPIO interrupt
0: no GPIO interrupt
This bit reflects the state of bit 0 in Slot 12 of SDATA-IN.
7
R/W
ACLINK_CB
AC-LINK Command Bit:
1: Read mixer command
0: Write mixer command
6-0
R/W
ACLINK_CIP
AC-LINK Mixer Command Index Port
❶AC-LINK wake-up event: AC97_SDATAIN is resumed a high while AC-LINK signals are shut off.
❷Bit 8 reflect the real time GPIO interrupt status on SDATA-IN from MC97. It is latched from SDATA-IN input slot 12 bit 0
when data is valid.
6.17 AC-Link Data Port
(Offset 0024h - 0025h, R/W)
Bit
R/W
Symbol
Description
15-0
R/W
ACLINK_DP
Write: 16 bits mixer data written to MC’97.
Read: 16 bits mixer read from MC’97.
❶ The written data should be sent to MC97 when writing to ACLINK_CB.
❷ The read data is effective if ACLINK_RD=1 (AC-LINK data is available).
❸ It is mapped into different data port, any read from this port always get mixer data from MC97, not written data to MC97.
6.18 GPIO Control to MC’97


Similar Part No. - RTL8101L

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-GR REALTEK-RTL8101L-GR Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-LF REALTEK-RTL8101L-LF Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
More results

Similar Description - RTL8101L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
List of Unclassifed Man...
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com