Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8101L Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # RTL8101L
Description  REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8101L Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button RTL8101L Datasheet HTML 30Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 31Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 32Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 33Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 34Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 35Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 36Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 37Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 68 page
background image
RTL8101L
2003-05-28
Rev.1.3
34
6.15 MC’97-Link Control Register
(Offset 0020h-0021h, R/W)
Bit
R/W
Symbol
Description
15-8
-
-
Reserved
7
R/W
MCSDLB
1: MC97_SDATAIN source comes from MC97_SDATAOUT.
0: Normal (MC97_SDATAIN source comes from MC97)
6
-
-
Reserved
5
R/W
ACLINK_WPE
AC-LINK Wake-up PME# Enable:
❶❷
1: Enable a PME# when MC’97 issues a wake-up event on MC-LINK.
0: Disable
If it is disabled, AC-LINK wake-up event doesn’t set PME_Status
(PCR4C.15), but AC-LINK wake-up event (ACLINK_WES) is still
indicated in INTSR.4.
4
R/W
ACLINK_WIE
AC-LINK Wake-up Interrupt Enable:
1: Enable an interrupt when MC’97 issues a wake-up event on AC-LINK.
0: Disable
If it is disabled, AC-LINK wake-up event doesn’t trigger interrupt, but
AC-LINK wake-up event (ACLINK_WES) is still indicated in INTSR.4
3
R/W
ACLINK_OFF
AC-LINK Shut Off:
1: Drive all AC-LINK outputs low if AC97_BITCLK is stopped, also
disable Line-In buffer. It’s software’s responsibility to set this bit after
power-down MC’97 command to enable AC-LINK wake-up event
function. It means that wake-up functions defined in bit[5:4] and
ACLINK_WES (INTSR.4) will be effective when this bit is set.
0: Normal operation
2
R/W
ACLINK_WRST
MC’97 Warm Reset:
1: Writing a ‘1’ to drive AC97_SYNC high at least 1.2us
Writing a ‘1’ to this bit only effective while AC97_BITCLK is stopped.
If software wants to issue a warm reset while AC97_BITCLK is running,
the write is ignored and this bit is unchanged.
0: No effect (normal)
This bit is auto cleared by hardware after warm reset had been issued.
1
R/W
ACLINK_CRST
MC’97 Cold Reset:
1: Writing a ‘1’ to drive AC97_RESET# low at least 1.2 us.
0: No effect (normal, AC97_RESET# kept as high.)
This bit is auto set by hardware after cold reset had been issued.
0
R/W
GPIE
GPI Interrupt Enable:
1: The change on GPI Interrupt Status (AC-LINK status bit-0 of slot-12)
will cause an interrupt on PCI interface.
0: Interrupt is not generated even GPI Interrupt Status is set.
❶ AC-LINK wake-up event: AC97_SDATAIN is resumed a high while AC-LINK signals are shut off.
❷ Bit 5 and bit 3 are sticky bits preserved by consuming power from Vaux.
6.16 MC’97-Link Status and Index Register
(Offset 0022h-0023h, R/W)
Bit
R/W
Symbol
Description
15
R
ACLINK_BZ
AC-LINK busy:
1: AC-LINK is busy on a MC’97 register read/write transaction.
0: No access is in progress
It is set when controller is doing an AC-LINK read/write transaction, it is
auto cleared by hardware after the transaction has been finished or


Similar Part No. - RTL8101L

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-GR REALTEK-RTL8101L-GR Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-LF REALTEK-RTL8101L-LF Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
More results

Similar Description - RTL8101L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
List of Unclassifed Man...
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com