Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8101L Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # RTL8101L
Description  REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8101L Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button RTL8101L Datasheet HTML 29Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 30Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 31Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 32Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 33Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 34Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 35Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 36Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
RTL8101L
2003-05-28
Rev.1.3
33
(Offset 0014h-0015h, R/W)
Bit
R/W
Symbol
Description
15-12
-
-
Reserved
11-8
R/W
LI_DMA_TH
LINE-In DMA Threshold Control:
0,1: When FIFO is empty, DMA will be triggered.
2,3: When sample number in FIFO >= 2, DMA will be triggered.
E,F: When sample number in FIFO >=14, DMA will be triggered.
Once LINE-In DMA is triggered, DMA will continuously read from
System memory until samples number in FIFO is equal to threshold.
7
R/W
LI_RS_DMA
Set to clear all registers (offset at 0010h ~ 0017h) related to DMA, and
output FIFO should be flushed. This bit is auto cleared and should be set
only when DMA is halted.
6-5
-
-
Reserved
4
R/W
FIFOOVIE
FIFO Over-Run Interrupt Enable:
1: Enable interrupt caused by FIFO over-run.
0: Disable interrupt caused by FIFO over-run even the ‘FIFO_ov’ is set.
3
R/W
LI_CDIE
Current Descriptor Interrupt Enable:
1: Enable interrupt caused by current descriptor has finished its transaction.
0: Disable interrupt caused by current descriptor even the ‘Curr_End’ is set.
2
R/W
LI_LDIE
Last Descriptor Interrupt Enable:
1: Enable interrupt caused by the last descriptor has finished its transaction.
0: Disable interrupt caused by the last descriptor even the ‘Last_End’ is set.
1
R/W
LI_PDMA
Pause LINE-In DMA:
1: The LINE1-In DMA is paused. FIFO send to PCI bus is frozen, data in
FIFO received from AC-LINK is flushed, whether controller should
continuously send the latest data before FIFO froze depends on the BU
setting for descriptor.
0: resume DMA
0
R/W
LI_Start
LINE-In DMA Start/Stop:
1: Start bus master transaction, and the first descriptor assigned in
“Starting Descriptor Index”.
0: Stop bus master transaction
6.13 Residual Samples Count in Current LINE-In Descriptor Register
(Offset 0016h - 0017h, R/W)
Bit
R/W
Symbol
Description
15-0
R
LI_RSS
The residual samples number should be read in system memory for
current descriptor. (sample: a 16-bit word)
6.14 Line-In Descriptor Base Address Register
(Offset 001Ch – 001Fh, R/W)
Bit
R/W
Symbol
Description
31-2
R/W
LINE-In Descriptor Base Address [31:2].
1-0
R
LI_DBA
LINE-In Descriptor Base Address [1:0]. Hardwired to 0.
❶The LINE-In Descriptor Base Address (LI_DBA) points to the starting address of continuous 64 double WORD descriptor’s
DMA context stored in main memory.


Similar Part No. - RTL8101L

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-GR REALTEK-RTL8101L-GR Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-LF REALTEK-RTL8101L-LF Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
More results

Similar Description - RTL8101L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
List of Unclassifed Man...
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com