Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8101L Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # RTL8101L
Description  REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8101L Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button RTL8101L Datasheet HTML 26Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 27Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 28Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 29Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 30Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 31Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 32Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 33Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
RTL8101L
2003-05-28
Rev.1.3
30
6. MC’97 Controller Register and Descriptor Descriptions
MC’97 Registers
Offset
R/W
Tag
Description
0000h
R/W
The Starting Descriptor Index for LINE1-Out
0001h
R
The Current Descriptor Index for LINE1-Out
0002h
R/W
The Last Descriptor Index for LINE1-Out
0003h
R
LINE1-Out DMA Status Register
0004h-0005h
R/W
LINE1-Out DMA Control Register
0006h-0007h
R
Residual Samples Count in Current LINE1-Out Descriptor Register
0008h-000Bh
-
Reserved
000Ch-000Fh
R/W
LINE1-Out Descriptor Base Address Register
0010h
R/W
The Starting Descriptor Index for LINE1-In
0011h
R
The Current Descriptor Index for LINE1-In
0012h
R/W
The Last Descriptor Index for LINE1-In
0013h
R
LINE1-In DMA Status Register
0014h-0015h
R/W
LINE1-In DMA Control Register
0016h-0017h
R
Residual Samples Count in Current LINE1-In Descriptor Register
0018h-001Bh
-
Reserved
001Ch-001Fh
R/W
LINE1-In Descriptor Base Address Register
0020h-0021h
R/W
AC-LINK Control register
0022h-0023h
R/W
AC-LINK Status and Index register
0024h-0025h
R/W
AC-LINK Data Port
0026h-0027h
R/W
MC97 GPIO Control Register
0028h-0029h
R
MC97 GPIO Status Register
002Ah-002Bh
R/W
Interrupt Status Register
002Ch-002Dh
R/W
PCI GPIO Setup Register (PCIGPIO)
002Eh-002Fh
R/W
PCI GPIO Status Register (PCIGPIOSR)
6.1 The Starting Descriptor Index for LINE-Out
(Offset 0000h, R/W)
Bit
R/W
Symbol
Description
7-5
-
-
Reserved
4-0
R/W
LO_SDILO
Assign the first descriptor to be run when LINE1-Out bus master starts.
6.2 The Current Descriptor Index for LINE-Out
(Offset 0001h, RO)
Bit
R/W
Symbol
Description
7-5
-
-
Reserved
4-0
R
LO_CDILO
Indicates the current descriptor been running.
6.3 The Last Descriptor Index for LINE-Out
(Offset 0002h, R/W)
Bit
R/W
Symbol
Description
7-5
-
-
Reserved


Similar Part No. - RTL8101L

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-GR REALTEK-RTL8101L-GR Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-LF REALTEK-RTL8101L-LF Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
More results

Similar Description - RTL8101L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
List of Unclassifed Man...
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com