Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8101L Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RTL8101L
Description  REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8101L Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RTL8101L Datasheet HTML 1Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 2Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 3Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 4Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 5Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 6Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 7Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 8Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
RTL8101L
2003-05-28
Rev.1.3
3
1. Features:
1.1 Ethernet Controller Features:
100 pin LQFP
Integrated Fast Ethernet MAC, Physical chip and
transceiver in one chip
10 Mb/s and 100 Mb/s operation
Supports 10 Mb/s and 100 Mb/s N-way
Auto-negotiation operation
PCI local bus single-chip Fast Ethernet controller
Compliant to PCI Revision 2.2
Supports PCI clock 16.75MHz-40MHz
Supports PCI target fast back-to-back transaction
Provides PCI bus master data transfers and PCI
memory space or I/O space mapped data transfers
of RTL8101L's operational registers
Supports PCI VPD (Vital Product Data)
Supports ACPI, PCI power management
Supports 25MHz crystal or 25MHz OSC as the internal
clock source. The frequency deviation of either crystal
or OSC must be within 50 PPM.
Compliant to PC99/PC2001 standard
Supports Wake-On-LAN function and remote wake-up
(Magic Packet*, LinkChg and Microsoft® wake-up frame)
Supports 4 Wake-On-LAN (WOL) signals (active high,
active low, positive pulse, and negative pulse)
Supports auxiliary power-on internal reset, for remote
wake-up when main power remains off
Supports auxiliary power auto-detect, and sets the
related capability of power management registers in PCI
configuration space
Includes a programmable PCI burst size and early Tx/Rx
threshold
Supports a 32-bit general-purpose timer with the
external PCI clock as clock source to generate
timer-interrupt
Contains two large (2Kbyte) independent receive and
transmit FIFOs
Advanced power saving mode when LAN function or
wakeup function is not used
Uses 93C46 (64*16-bit EEPROM) to store resource
configuration, ID parameter, and VPD data
Supports LED pins for various network activity
indications
Supports loopback capability
Half/Full duplex capability
Supports Full Duplex Flow Control (IEEE 802.3x)
3.3V power supply, 3.3V and 5V I/O tolerance
Interface for 128K byte (max) Boot ROM for both
EEPROM and Flash Memory.
1.2 MC’97 Controller Features:
MC’97 compatible digital controller chip
PCI local bus single-chip Fast Ethernet controller
32-bit PCI bus master and PCI v 2.2 compliant
PCI Bus Power Management Interface Specification v
1.1 compliant
High performance bus master DMA for data transfer
AC’97 v 2.2 compliant
Supports 16-bit modem line (LINE1)
Full-duplex operation for simultaneous LINE1
transactions
Low latency GPIO updated
8 double-WORD (16 samples) FIFO depth for each bus
master of LINE1-OUT/IN
3.3V power supply, 3.3V and 5V I/O tolerance


Similar Part No. - RTL8101L

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-GR REALTEK-RTL8101L-GR Datasheet
947Kb / 96P
SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-LF REALTEK-RTL8101L-LF Datasheet
947Kb / 96P
SINGLE-CHIP FAST ETHERNET CONTROLLER
More results

Similar Description - RTL8101L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
Single Chip Fast Ethernet NIC controller
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
Single Chip Fast Ethernet NIC Controller
logo
Realtek Semiconductor C...
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com