Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8101L Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # RTL8101L
Description  REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8101L Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button RTL8101L Datasheet HTML 24Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 25Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 26Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 27Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 28Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 29Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 30Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 31Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
RTL8101L
2003-05-28
Rev.1.3
28
15-0
RXERCNT
This 16-bit counter increments by 1 for each valid packet received.
It is cleared to zero by a read command.
h'[0000],
R
5.27 CS Configuration Register
(Offset 0074h-0075h, R/W)
Bit
Name
Description/Usage
Default/Attribute
15
Testfun
1 = Auto-neg speeds up internal timer
0,WO
14-10
-
Reserved
-
9
LD
Active low TPI link disable signal. When low, TPI still transmits
link pulses and TPI stays in good link state.
1, RW
8
HEART BEAT
1 = HEART BEAT enable, 0 = HEART BEAT disable. HEART
BEAT function is only valid in 10Mbps mode.
1, RW
7
JBEN
1 = enable jabber function. 0 = disable jabber function
1, RW
6
F_LINK_100
Used to login force good link in 100Mbps for diagnostic purposes. 1
= DISABLE, 0 = ENABLE.
1, RW
5
F_Connect
Assertion of this bit forces the disconnect function to be bypassed.
0, RW
4
-
Reserved
-
3
Con_status
This bit indicates the status of the connection. 1 = valid connected
link detected; 0 = disconnected link detected.
0, RO
2
Con_status_En
Assertion of this bit configures LED1 pin to indicate connection
status.
0, RW
1
-
Reserved
-
0
PASS_SCR
Bypass Scramble
0, RW
5.28 Config5: Configuration Register 5
(Offset 00D8h, R/W)
This register, unlike other Config registers, is not protected by 93C46 Command register. I.e. there is no need to enable Config
register write prior to writing to Config5.
Bit
R/W
Symbol
Description
7
-
-
Reserved
6
R/W
BWF
Broadcast Wakeup Frame:
1: Enable Broadcast Wakeup Frame with mask bytes of only DID
field = FF FF FF FF FF FF.
0: Default value. Disable Broadcast Wakeup Frame with mask bytes
of only DID field = FF FF FF FF FF FF.
The power-on default value of this bit is 0.
5
R/W
MWF
Multicast Wakeup Frame:
1: Enable Multicast Wakeup Frame with mask bytes of only DID
field, which is a multicast address.
0: Default value. Disable Multicast Wakeup Frame with mask bytes
of only DID field, which is a multicast address.
The power-on default value of this bit is 0.
4
R/W
UWF
Unicast Wakeup Frame:
1: Enable Unicast Wakeup Frame with mask bytes of only DID field,
which is its own physical address.
0: Default value. Disable Unicast Wakeup Frame with mask bytes of
only DID field, which is its own physical address.
The power-on default value of this bit is 0.
3
R/W
FIFOAddrPtr
FIFO Address Pointer: (Realtek internal use only to test FIFO SRAM)


Similar Part No. - RTL8101L

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-GR REALTEK-RTL8101L-GR Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-LF REALTEK-RTL8101L-LF Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
More results

Similar Description - RTL8101L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
List of Unclassifed Man...
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com