Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8101L Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # RTL8101L
Description  REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8101L Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button RTL8101L Datasheet HTML 23Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 24Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 25Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 26Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 27Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 28Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 29Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 30Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
RTL8101L
2003-05-28
Rev.1.3
27
5.22 Auto-negotiation Expansion Register
(Offset 006Ah-006Bh, R)
This register contains additional status for NWay auto-negotiation.
Bit
Name
Description/Usage
Default/Attribute
15-5
-
Reserved. These bits are always set to 0.
-
4
MLF
Status indicating if a multiple link fault has occurred.
1 = fault occurred; 0 = no fault occurred.
0, RO
3
LP_NP_ABLE
Status indicating if the link partner supports Next Page negotiation.
1 = supported; 0 = not supported.
0, RO
2
NP_ABLE
This bit indicates if the local node is able to send additional Next
Pages.
0, RO
1
PAGE_RX
This bit is set when a new Link Code Word Page has been received.
The bit is automatically cleared when the auto-negotiation link
partner’s ability register (register 5) is read by management.
0, RO
0
LP_NW_ABLE
1 = link partner supports NWay auto-negotiation.
0, RO
5.23 Disconnect Counter
(Offset 006Ch-006Dh, R)
Bit
Name
Description/Usage
Default/Attribute
15-0
DCNT
This 16-bit counter increments by 1 for every disconnect event. It
rolls over when becomes full. It is cleared to zero by read command.
h'[0000],
R
5.24 False Carrier Sense Counter
(Offset 006Eh-006Fh, R)
Bit
Name
Description/Usage
Default/Attribute
15-0
FCSCNT
This 16-bit counter increments by 1 for each false carrier event. It is
cleared to zero by read command.
h'[0000],
R
5.25 NWay Test Register
(Offset 0070h-0071h, R/W)
Bit
Name
Description/Usage
Default/Attribute
15-8
-
Reserved
-
7
NWLPBK
1 = set NWay to loopback mode.
0, RW
6-4
-
Reserved
-
3
ENNWLE
1 = LED0 Pin indicates linkpulse
0, RW
2
FLAGABD
1 = Auto-neg experienced ability detect state
0, RO
1
FLAGPDF
1 = Auto-neg experienced parallel detection fault state
0, RO
0
FLAGLSC
1 = Auto-neg experienced link status check state
0, RO
5.26 RX_ER Counter
(Offset 0072h-0073h, R)
Bit
Name
Description/Usage
Default/Attribute


Similar Part No. - RTL8101L

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-GR REALTEK-RTL8101L-GR Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-LF REALTEK-RTL8101L-LF Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
More results

Similar Description - RTL8101L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
List of Unclassifed Man...
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com