Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8101L Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # RTL8101L
Description  REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8101L Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button RTL8101L Datasheet HTML 22Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 23Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 24Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 25Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 26Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 27Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 28Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 29Page - List of Unclassifed Manufacturers RTL8101L Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 68 page
background image
RTL8101L
2003-05-28
Rev.1.3
26
(Offset 0066h-0067h, R/W)
Bit
Name
Description/Usage
Default/Attribute
15
NP
Next Page bit.
1 = transmitting the protocol specific data page;
0 = transmitting the primary capability data page
0, RO
14
ACK
1 = acknowledge reception of link partner capability data word.
0, RO
13
RF
1 = advertise remote fault detection capability;
0 = do not advertise remote fault detection capability.
0, RW
12-11
-
Reserved
-
10
Pause
1 = flow control is supported by local node.
0 = flow control is not supported by local mode.
The default value
comes from
EEPROM, RO
9
T4
1 = 100Base-T4 is supported by local node;
0 = 100Base-T4 not supported by local node.
0, RO
8
TXFD
1 = 100Base-TX full duplex is supported by local node;
0 = 100Base-TX full duplex not supported by local node.
1, RW
7
TX
1 = 100Base-TX is supported by local node;
0 = 100Base-TX not supported by local node.
1, RW
6
10FD
1 = 10Base-T full duplex supported by local node;
0 = 10Base-T full duplex not supported by local node.
1, RW
5
10
1 = 10Base-T is supported by local node;
0 = 10Base-T not supported by local node.
1, RW
4-0
Selector
Binary encoded selector supported by this node. Currently only
CSMA/CD <00001> is specified. No other protocols are supported.
<00001>, RW
5.21 Auto-Negotiation Link Partner Ability Register
(Offset 0068h-0069h, R)
Bit
Name
Description/Usage
Default/Attribute
15
NP
Next Page bit.
1 = transmitting the protocol specific data page;
0 = transmitting the primary capability data page
0, RO
14
ACK
1 = link partner acknowledges reception of local node’s capability
data word.
0, RO
13
RF
1 = link partner is indicating a remote fault.
0, RO
12-11
-
Reserved
-
10
Pause
1 = Flow control is supported by link partner;
0 = Flow control is not supported by link partner
0, RO
9
T4
1 = 100Base-T4 is supported by link partner;
0 = 100Base-T4 not supported by link partner
0, RO
8
TXFD
1 = 100Base-TX full duplex is supported by link partner;
0 = 100Base-TX full duplex not supported by link partner
0, RO
7
TX
1 = 100Base-TX is supported by link partner;
0 = 100Base-TX not supported by link partner
0, RO
6
10FD
1 = 10Base-T full duplex is supported by link partner;
0 = 10Base-T full duplex not supported by link partner
0, RO
5
10
1 = 10Base-T is supported by link partner;
0 = 10Base-T not supported by link partner
0, RO
4-0
Selector
Link Partner's binary encoded node selector. Currently only
CSMA/CD <00001> is specified.
<00000>, RO


Similar Part No. - RTL8101L

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-GR REALTEK-RTL8101L-GR Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
RTL8101L-LF REALTEK-RTL8101L-LF Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
More results

Similar Description - RTL8101L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
List of Unclassifed Man...
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com